AM2D-4815S-RZ
AI

## Overview of the AM2D-4815S-RZ
The **AM2D-4815S-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is part of the AM2D-Z series, specifically designed to provide isolated power conversion in a compact SIP7 (Single In-line Package) form factor.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 36V to 72V DC (48V Nominal) |
| **Output Voltage** | 15V DC |
| **Output Current** | 133 mA (Max) |
| **Power Rating** | 2 Watts |
| **Isolation Voltage** | 1000V DC (Standard) |
| **Efficiency** | ~80% (Typical) |
| **Package Type** | SIP7 (Plastic Case) |
---
### 2. Functional Electronic Components
The internal architecture of the AM2D-4815S-RZ consists of several critical stages to ensure stable power delivery:
#### A. Input Filtering
The device includes internal capacitors to minimize reflected ripple current. However, for sensitive applications, an external LC filter is often recommended to meet EMI standards.
#### B. Switching Controller (PWM)
The core of the unit is a high-frequency switching regulator. It converts the 48V DC input into a high-frequency AC signal to allow for transformation through a small magnetic core.
#### C. Isolation Transformer
This is the "RZ" series hallmark. It provides galvanic isolation between the input and output circuits, protecting sensitive downstream components from high-voltage surges or ground loops on the input side.
#### D. Rectification & Regulation
The secondary side of the transformer utilizes fast-recovery diodes and output filters to convert the AC back into a stable 15V DC output.
---
### 3. Pinout Configuration (SIP7)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | +V Input | Positive Supply Input |
| **2** | -V Input | Negative Supply Input (GND) |
| **4** | -V Output | Negative Power Output |
| **6** | +V Output | Positive Power Output |
---
### 4. Common Applications
* **Industrial Controls:** Powering sensors and actuators in 48V systems.
* **Telecommunications:** Converting standard 48V telecom rails to logic/analog levels.
* **Data Acquisition:** Providing isolated power to prevent noise interference in analog-to-digital circuits.
- ⤷
What are the recommended external capacitors for EMI reduction in this model?
- ⤷ How does the 'RZ' suffix differ from other models in the AM2D series?
- ⤷ What is the maximum operating temperature range for the AM2D-4815S-RZ?