AM2D-4812S-RZ
AI

The **AM2D-4812S-RZ** is a high-performance, isolated DC-DC converter manufactured by **Aimtec**. It is designed to provide a regulated voltage source in a compact SIP7 (Single In-line Package) form factor.
---
## 1. Key Technical Specifications
Below are the primary electrical characteristics of the AM2D-4812S-RZ:
| Parameter | Value |
| :--- | :--- |
| **Input Voltage (Nominal)** | 48 VDC |
| **Input Voltage Range** | 43.2 ~ 52.8 VDC |
| **Output Voltage** | 12 VDC |
| **Output Current** | 167 mA (max) |
| **Power Rating** | 2 Watts |
| **Isolation Voltage** | 1000 VDC |
| **Package Style** | SIP7 (7-pin) |
| **Efficiency** | ~80% (Typical) |
---
## 2. Core Functional Components
Inside the module, several electronic sub-systems work together to perform the power conversion:
### A. Input Filter
The input stage typically contains a small decoupling capacitor or an LC filter to reduce reflected ripple current. This prevents high-frequency noise generated by the internal switching from traveling back into the 48V supply line.
### B. Switching Controller & MOSFET
The device uses a high-frequency PWM (Pulse Width Modulation) controller. It chops the 48V DC input into a high-frequency AC signal. This is necessary because transformers cannot operate on steady DC.
### C. Isolation Transformer
This is the "heart" of the component. It transfers energy from the input side to the output side via a magnetic field.
- **Purpose:** It provides galvanic isolation (1000 VDC), ensuring that the ground of the 48V input is electrically separated from the ground of the 12V output.
### D. Rectification & Output Regulation
Once the energy passes through the transformer, high-speed Schottky diodes rectify the signal back to DC. An internal linear or switching regulator (depending on the specific series architecture) ensures the output stays exactly at 12V, even if the load changes.
---
## 3. Pin Configuration
The AM2D series generally follows a standard SIP7 layout:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | +V Input | Positive Supply Voltage (48V) |
| 2 | -V Input | Negative Supply / Ground |
| 4 | -V Output | Negative Output (Isolated) |
| 6 | +V Output | Positive Output (12V Isolated) |
| 3, 5, 7 | N.C. / Other | No connection or internal test pins |
---
## 4. Typical Applications
* **Industrial Controls:** Powering 12V sensors from a 48V bus.
* **Telecommunications:** Converting 48V rail power to local board-level voltages.
* **Noise Isolation:** Breaking ground loops in sensitive analog instrumentation.
- ⤷
Does the AM2D-4812S-RZ require external capacitors for stability?
- ⤷ What is the maximum operating temperature for this converter?
- ⤷ Can this module be used in a series configuration to increase output voltage?