AM2D-4805D-RZ
AI

The **AM2D-4805D-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is designed to provide isolated power conversion in a compact footprint, commonly used in industrial and telecommunications equipment.
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Input Voltage Range** | 36V to 72V DC (Nominal 48V) |
| **Output Voltage** | ±5V DC (Dual Output) |
| **Output Current** | ±200mA |
| **Power Rating** | 2 Watts |
| **Isolation Voltage** | 1000V DC |
| **Package Style** | SIP7 (Single In-line Package) |
| **Efficiency** | ~72% to 78% |
---
### 2. Electronic Characteristics & Functionality
#### Input Features
* **Wide Input Range:** The "48" in the part number signifies a 48V nominal input. The device can handle fluctuations between 36V and 72V, making it ideal for battery-powered systems or telecom lines.
* **Input Filter:** Typically includes an internal capacitor to reduce reflected ripple current.
#### Output Features
* **Dual Output:** The "D" suffix indicates a dual output (+5V and -5V). This is essential for powering operational amplifiers (Op-Amps) or analog-to-digital converters that require a split rail.
* **Voltage Accuracy:** Maintains a tight output tolerance, though it is usually unregulated or semi-regulated depending on the specific sub-series load conditions.
#### Isolation and Protection
* **Galvanic Isolation:** Provides 1000V DC isolation between the input and output stages. This protects sensitive downstream components from high-voltage surges on the input line.
* **Short Circuit Protection:** Generally equipped with continuous short-circuit protection (check specific datasheet revision for "Auto-recovery" features).
---
### 3. Pinout Configuration (SIP7 Package)
The SIP7 layout is standardized for these modules to save PCB real estate.
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | +Vin | Positive Input Voltage |
| 2 | -Vin | Negative Input Voltage (Ground) |
| 4 | -Vout | Negative Output (-5V) |
| 5 | Common | Output Common (0V / Center Tap) |
| 6 | +Vout | Positive Output (+5V) |
---
### 4. Typical Applications
1. **Industrial Controls:** Powering isolated sensors and logic circuits.
2. **Telecommunications:** Converting 48V rack power to usable logic levels.
3. **Data Acquisition:** Providing clean, isolated split-rail power for analog signal processing.
4. **Mixed-Signal Circuits:** Separating digital noise from sensitive analog components.
- ⤷
What is the difference between the AM2D-RZ series and the regulated AM2DR-RZ series?
- ⤷ How much external capacitance is recommended for the output of the AM2D-4805D-RZ?
- ⤷ Can this converter be used in environments with temperatures exceeding 85°C?