AM2D-2415SH30-RZ
AI

### AM2D-2415SH30-RZ: Overview and Specifications
The **AM2D-2415SH30-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is designed to provide isolation and voltage regulation in industrial and commercial electronic circuits.
---
### 1. Key Technical Specifications
The following table summarizes the primary electronic characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 21.6 to 26.4 VDC (Nominal 24V) |
| **Output Voltage** | 15 VDC |
| **Output Current** | 133 mA (Max) |
| **Power Rating** | 2 Watts |
| **Isolation Voltage** | 3000 VDC |
| **Efficiency** | ~80% |
| **Package Type** | DIP14 (Dual In-line Package) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Part Number Breakdown
To understand the electronic capabilities of this part, we can decode the nomenclature:
* **AM2D**: Aimtec 2 Watt DC-DC Converter series.
* **24**: Nominal Input Voltage (24V).
* **15**: Output Voltage (15V).
* **S**: Single Output.
* **H30**: 3000 VDC Isolation (H stands for High Isolation).
* **RZ**: Package style and RoHS compliance designation.
---
### 3. Core Electronic Functions
1. **Galvanic Isolation**: The "H30" rating means it can withstand up to 3000V DC between the input and output circuits. This protects sensitive downstream components from high-voltage surges on the input side.
2. **Voltage Transformation**: It takes a fluctuating or standard 24V input and converts it to a stable 15V output, suitable for powering operational amplifiers, sensors, or logic gates.
3. **Short Circuit Protection**: This model typically includes continuous short-circuit protection to prevent damage to the internal circuitry during a fault.
---
### 4. Typical Applications
* **Industrial Controls**: Providing isolated power to PLCs or sensors.
* **Data Acquisition**: Reducing noise by isolating digital and analog power rails.
* **Telecommunications**: Powering interface cards and peripheral devices.
---
- ⤷What are the pinout configurations for the DIP14 package of this converter?
- ⤷ Can this model be used in parallel for higher power output?
- ⤷ What is the typical ripple and noise level for the 15V output?