AM2D-2415DH30-RZ
AI

The **AM2D-2415DH30-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is designed to provide isolated power conversion in a compact package, specifically for industrial and electronic applications requiring dual output voltages.
---
### 1. Key Technical Specifications
The part number itself encodes the primary technical features of the component:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Input Voltage** | 24 VDC | Nominal input (range typically 21.6V to 26.4V) |
| **Output Voltage** | ±15 VDC | Dual output (positive and negative rails) |
| **Power Rating** | 2 Watts | Total maximum output power |
| **Isolation** | 3000 VDC | Input to output galvanic isolation |
| **Package** | DIP14 | Dual In-line Package (14 pins) |
| **Regulation** | Unregulated | Output voltage varies slightly with load |
---
### 2. Detailed Electronic Characteristics
#### A. Power Conversion Mechanism
This device is an **isolated switching regulator**. It uses an internal high-frequency oscillator and a transformer to transfer energy from the input side to the output side without a direct electrical connection. This is critical for breaking ground loops and protecting sensitive logic circuits from high-voltage noise.
#### B. Dual Output Configuration
Unlike standard single-output converters, the "D" in the part number indicates **Dual Output**.
* **Common (GND):** The center tap of the output.
* **+15V Rail:** Positive voltage relative to common.
* **-15V Rail:** Negative voltage relative to common.
* This is ideal for powering **Operational Amplifiers (Op-Amps)** and analog-to-digital converters (ADCs).
#### C. Safety and Protection
* **Short Circuit Protection:** Usually includes temporary protection against output shorts.
* **High Isolation (H30):** The "H30" suffix denotes 3000VDC isolation, which is significantly higher than standard 1000VDC or 1500VDC models, making it suitable for medical or high-reliability industrial environments.
---
### 3. Pinout Configuration (Standard DIP14)
While you should always consult the official datasheet, the standard layout for this Aimtec series is:
| Pin Number | Function |
| :--- | :--- |
| 1 | -V Input |
| 7 | No Connection |
| 8 | Common (0V Out) |
| 9 | +V Output |
| 11 | -V Output |
| 14 | +V Input |
---
### 4. Typical Applications
1. **Industrial Controls:** Powering sensors that require bipolar voltages.
2. **Data Acquisition:** Providing clean, isolated power to analog front-ends.
3. **Telecom:** Voltage level shifting and isolation.
4. **Mixed Signal Circuits:** Separating digital noise from sensitive analog components.
- ⤷
What is the efficiency rating of the AM2D-2415DH30-RZ at full load?
- ⤷ Can this converter be used with an input voltage higher than 26.4V?
- ⤷ How does the 'unregulated' status affect the output voltage stability?