AM2D-2412S-RZ
AI

The **AM2D-2412S-RZ** is a high-performance, compact DC-DC converter manufactured by **Aimtec**. It belongs to the AM2D series, which is designed to provide isolation and voltage regulation in industrial and consumer electronics.
---
### ## 1. Key Specifications
The technical parameters of this component are essential for determining its compatibility with a circuit.
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 21.6V to 26.4V DC (Nominal 24V) |
| **Output Voltage** | 12V DC |
| **Output Current** | 167 mA (Max) |
| **Power Rating** | 2 Watts |
| **Isolation Voltage** | 1000 VDC (Standard) |
| **Efficiency** | ~80% |
| **Package Type** | DIP7 (Dual In-line Package) |
---
### ## 2. Core Features
* **Single Output:** It provides a steady 12V output from a 24V source.
* **Galvanic Isolation:** It provides electrical separation between the input and output circuits, protecting sensitive components from noise or surges.
* **Unregulated Output:** Note that the "S" in the series often denotes a fixed input range; if the input voltage fluctuates significantly, the output may vary slightly.
* **Operating Temperature:** Typically rated to function between **-40°C to +85°C**, making it suitable for harsh environments.
---
### ## 3. Pin Configuration (DIP7)
The physical layout follows a standard 7-pin DIP footprint, though some pins may be omitted (check the specific datasheet for the "RZ" suffix physical layout).
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | -Vin | Negative Input Voltage |
| 2 | +Vin | Positive Input Voltage |
| 4 | -Vout | Negative Output Voltage |
| 6 | +Vout | Positive Output Voltage |
---
### ## 4. Common Applications
1. **Industrial Controls:** Used to power 12V sensors or relays from a 24V industrial bus.
2. **Data Acquisition:** Providing isolated power to ADC/DAC circuits to reduce ground loop noise.
3. **Telecommunications:** Local voltage conversion on PCB boards.
4. **Mixed-Signal Circuits:** Separating digital noise from sensitive analog power rails.
---
### ## 5. Design Considerations
* **Capacitance Loading:** To ensure stability, it is recommended to place low-ESR capacitors at both the input and output.
* **Minimum Load:** Most AM2D converters require a minimum load (usually 10%) to maintain specified regulation.
* **Thermal Management:** Ensure adequate airflow if operating at the full 2W capacity in high-temperature environments.
- ⤷
What are the main differences between the AM2D and AM1D series?
- ⤷ Does this model include short-circuit protection?
- ⤷ What is the recommended input filter circuit for this converter?