công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AM2D-2409DH30-RZ

  • AI
    ### AM2D-2409DH30-RZ: Electronic Components & Specifications The **AM2D-2409DH30-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It belongs to the AM2D-Z series, which are 2-watt power supplies designed for industrial and telecommunication applications. --- ### 1. Key Technical Specifications The following table outlines the core electrical characteristics of this specific model: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 21.6V to 26.4V DC (Nominal 24V) | | **Output Voltage** | Dual ±9V DC | | **Output Current** | ±111 mA | | **Maximum Power** | 2 Watts | | **Isolation Voltage** | 3000 VDC (High Isolation) | | **Efficiency** | ~80% (Typical) | | **Package Type** | DIP14 (Dual In-line Package) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Breakdown of the Model Name Understanding the nomenclature helps identify the specific features of the component: * **AM2D**: Series name (2W DC-DC Converter). * **24**: Nominal Input Voltage (24V). * **09**: Nominal Output Voltage (9V). * **D**: Dual Output (Produces both +9V and -9V). * **H30**: Isolation rating (3000 VDC). * **RZ**: Package/Pinout configuration style. --- ### 3. Functional Internal Components While the unit is a sealed module, it contains the following internal electronic stages: 1. **Input Filter:** Consists of capacitors and inductors to reduce reflected ripple current and protect the device from transient spikes. 2. **Switching Controller:** A high-frequency PWM (Pulse Width Modulation) circuit that converts DC into AC for transformer processing. 3. **Isolation Transformer:** Provides the 3000V galvanic isolation between the input and output stages, ensuring safety and noise decoupling. 4. **Rectification & Smoothing:** Diodes and output capacitors that convert the AC back into stable ±9V DC outputs. --- ### 4. Applications * **Operational Amplifiers:** Providing the necessary dual-rail (+/-) power for precision analog circuits. * **Industrial Controls:** Isolating control logic from noisy sensor inputs. * **Data Acquisition:** Used in systems requiring clean power with high isolation to prevent ground loops.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the DIP14 package of this model?
    • ⤷ Are there single-output alternatives in the AM2D series?
    • ⤷ Does this converter require external capacitors for stability?