công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AM2D-2405DH30-RZ

  • AI
    ## Overview of AM2D-2405DH30-RZ The **AM2D-2405DH30-RZ** is a high-performance DC-DC converter manufactured by Aimtec. It is part of the AM2D-Z series, specifically designed to provide isolated power in a compact SIP7 (Single In-line Package) form factor. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Power Rating** | 2 Watts | | **Input Voltage (Nominal)** | 24 VDC | | **Input Voltage Range** | 21.6 to 26.4 VDC (±10%) | | **Output Voltage** | Dual ±5 VDC | | **Output Current** | ±200 mA | | **Isolation Voltage** | 3000 VDC | | **Package Style** | SIP7 (Plastic case) | | **Efficiency** | ~75% - 80% | --- ### Core Electronic Components & Functions To understand the "electronic parts" within this module, we look at its internal architecture: 1. **Switching Regulator (PWM Controller):** The heart of the device is a high-frequency switching controller. It converts the steady 24V DC input into a high-frequency AC signal to allow for efficient voltage transformation through a small transformer. 2. **Isolation Transformer:** The **"H30"** in the part number signifies **3000VDC Isolation**. This indicates a specialized internal transformer that physically separates the input and output circuits, preventing high-voltage surges from damaging the load. 3. **Rectification & Filtering:** * **Diodes:** High-speed Schottky or silicon diodes convert the AC back to DC. * **Capacitors:** Low ESR (Equivalent Series Resistance) capacitors are used at the output to minimize ripple and noise. 4. **Protection Circuitry:** * **Continuous Short Circuit Protection:** The "Z" suffix usually indicates that the device can survive a short circuit indefinitely without burning out, automatically restarting once the fault is removed. --- ### Pin Configuration (SIP7) | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | +Vin | Positive Input Voltage | | 2 | -Vin | Negative Input Voltage (Ground) | | 4 | -Vout | Negative Output Voltage (-5V) | | 5 | Common | Output Common (Ground) | | 6 | +Vout | Positive Output Voltage (+5V) | --- ### Application Usage * **Industrial Automation:** Powering sensors and actuators that require isolated dual rails. * **Data Communication:** Providing clean power to RS-232 or RS-485 transceivers. * **Medical Equipment:** Utilizing the high 3kV isolation for patient safety (where applicable). * **Noise Reduction:** Breaking ground loops in sensitive analog circuits.
    ✨ Follow-up Questions
    • ⤷ What are the thermal operating limits for this DC-DC converter?
    • ⤷ Does this model require external capacitors for stability?
    • ⤷ How does the 'RZ' suffix differentiate it from standard AM2D models?