AM2D-1515D-RZ
AI

### Overview of the AM2D-1515D-RZ
The **AM2D-1515D-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It belongs to a series of compact, isolated power modules designed to convert a stable input voltage into a regulated or unregulated dual output voltage.
---
### 1. Key Technical Specifications
The model number itself acts as a code for its primary specifications:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 15V DC (Nominal) |
| **Output Voltage** | ±15V DC (Dual Output) |
| **Output Current** | ±67mA |
| **Power Rating** | 2 Watts |
| **Isolation Voltage** | 1000V DC (Standard) |
| **Package Type** | DIP14 (Dual In-line Package) |
| **Efficiency** | ~80% (Typical) |
---
### 2. Functional Electronic Components
Internally, the AM2D-1515D-RZ consists of several critical electronic stages integrated into a single small module:
1. **Oscillator/Switching Circuit**: Converts the 15V DC input into a high-frequency AC signal. This is necessary because transformers cannot operate on pure DC.
2. **Isolation Transformer**: Provides the 1000V DC galvanic isolation between the input and output. This protects sensitive downstream components from input surges and eliminates ground loops.
3. **Rectification & Filtering**:
* **Diodes**: Convert the high-frequency AC back into DC.
* **Capacitors**: Smooth the resulting waveform to reduce ripple and noise.
4. **Regulation Stage**: Ensures the ±15V output remains stable even if the input voltage fluctuates slightly (within the specified range).
---
### 3. Pinout Configuration
The "RZ" suffix typically denotes a specific pinout arrangement in a DIP14 footprint. Below is a general representation of the pin functions for this series:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | -Vin | Negative Input Voltage |
| **7** | N.C. | No Connection (Internal use) |
| **8** | Common | Zero Volt (Center Tap for Dual Output) |
| **9** | +Vout | Positive 15V Output |
| **10** | -Vout | Negative 15V Output |
| **14** | +Vin | Positive Input Voltage |
---
### 4. Common Applications
Due to its dual output (±15V) and isolation features, it is commonly used for:
* **Operational Amplifiers (Op-Amps)**: Providing the symmetric rails required for analog signal processing.
* **Data Acquisition**: Isolating digital noise from sensitive analog sensors.
* **Industrial Control**: Breaking ground loops in complex factory environments.
* **Telecommunications**: Powering interface circuits.
- ⤷
What is the input voltage range tolerance for the AM2D-1515D-RZ?
- ⤷ Does this model feature short-circuit protection?
- ⤷ What are the recommended external capacitors for reducing output ripple?