công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AM2D-1509SH30-RZ

  • AI
    The **AM2D-1509SH30-RZ** is a high-performance, isolated DC-DC converter manufactured by **Aimtec**. It is designed to provide stable power conversion in a compact form factor, specifically catering to industrial and telecommunication applications. ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Input Voltage Range** | 13.5V to 16.5V (Nominal 15V) | | **Output Voltage** | 9V DC | | **Output Current** | 222 mA (Max) | | **Power Rating** | 2 Watts | | **Isolation Voltage** | 3000 VDC | | **Package Type** | SIP7 (Single In-line Package) | | **Efficiency** | ~75% - 80% | --- ### 2. Breakdown of the Model Number The nomenclature of this part provides specific details about its construction: * **AM2D**: 2 Watt DC-DC Converter series. * **15**: Nominal input voltage (15V). * **09**: Output voltage (9V). * **S**: Single output. * **H30**: 3000VDC Isolation (High Isolation). * **RZ**: Package style/RoHS compliance designation. --- ### 3. Core Electronic Components & Features #### A. Internal Circuitry While the internal schematic is proprietary, these converters generally consist of: 1. **Switching Regulator:** A high-frequency PWM controller to convert DC to AC. 2. **Isolation Transformer:** Provides the 3000VDC galvanic isolation between the input and output circuits. 3. **Rectification & Filtering:** High-speed diodes and capacitors to smooth the output back into stable 9V DC. #### B. Protection Mechanisms * **Short Circuit Protection:** Most models in this series include continuous short-circuit protection with auto-recovery. * **Operating Temperature:** Typically rated to function between **-40°C to +85°C**, making it suitable for harsh environments. --- ### 4. Typical Applications * **Ground Loop Elimination:** Used to break ground loops in sensitive analog circuits. * **Industrial Control:** Providing isolated power to sensors or communication modules (like RS-485 or CAN bus). * **Data Acquisition:** Protecting the main controller from voltage spikes on the sensing side. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the SIP7 package of this model?
    • ⤷ Can this converter be used in parallel to increase output current?
    • ⤷ What are the recommended external capacitors for reducing output ripple?