AM2D-1215SH30-RZ
AI

## Overview of AM2D-1215SH30-RZ
The **AM2D-1215SH30-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is part of the AM2D series, designed to provide isolated power conversion in a compact SIP7 (Single In-line Package) footprint.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Voltage (Nominal)** | 12 VDC |
| **Input Voltage Range** | 10.8 - 13.2 VDC (±10%) |
| **Output Voltage** | 15 VDC |
| **Output Current** | 133 mA |
| **Output Power** | 2 Watts |
| **Isolation Voltage** | 3000 VDC (H30 designation) |
| **Package Type** | SIP7 (Plastic Case) |
| **Efficiency** | ~80% (Typical) |
| **Operating Temperature** | -40°C to +85°C |
---
### Key Features and Component Roles
1. **Isolation (3000 VDC):**
The "H30" in the part number indicates a high isolation rating of 3000 VDC. This is achieved through internal high-grade transformer windings and physical spacing, protecting sensitive downstream components from high-voltage surges on the input side.
2. **Unregulated Output:**
This specific model is typically **unregulated**. This means the output voltage is sensitive to changes in the input voltage and the load current. It is best used in circuits where the input voltage is already stable.
3. **Short Circuit Protection:**
The "RZ" suffix often denotes specific packaging or updated protection features, including momentary short-circuit protection to prevent the internal switching circuitry from burning out during a fault.
4. **SIP7 Form Factor:**
The 7-pin layout allows for high power density on the PCB, saving valuable board space compared to traditional DIP packages.
---
### Pin Configuration (Standard SIP7)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | +Vin | Positive Input Voltage |
| 2 | -Vin | Negative Input Voltage (Ground) |
| 5 | -Vout | Negative Output Voltage |
| 7 | +Vout | Positive Output Voltage |
| 3, 4, 6 | N.C. | No Connection (Internal use only) |
---
### Typical Applications
* **Industrial Controls:** Providing isolated power to sensors or communication interfaces (like RS-485 or CAN bus).
* **Data Acquisition:** Minimizing noise by isolating analog signal processing circuits from digital power rails.
* **Medical Equipment:** High isolation is critical for patient safety and signal integrity.
- ⤷
What is the difference between regulated and unregulated DC-DC converters in this series?
- ⤷ Are there specific decoupling capacitors recommended for the input and output pins?
- ⤷ How does the efficiency change as the load drops below 20%?