AM2D-1215D-RZ
AI

### Technical Overview: AM2D-1215D-RZ
The **AM2D-1215D-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It belongs to the AM2D series, which features 2W unregulated power modules designed for board-level power distribution where isolation and voltage conversion are required.
---
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 12 VDC (Nominal range: 10.8V - 13.2V) |
| **Output Voltage** | ±15 VDC (Dual Output) |
| **Output Current** | ±67 mA (Total 2 Watts) |
| **Isolation Voltage** | 1000 VDC |
| **Efficiency** | ~80% |
| **Package Style** | SIP7 (Single In-line Package) |
| **Operating Temp** | -40°C to +85°C |
---
### Internal Electronic Architecture
The device consists of several internal electronic stages to facilitate power conversion:
1. **Switching Oscillator:** Converts the incoming 12V DC into a high-frequency AC signal.
2. **Transformer (Isolation Barrier):** Uses magnetic coupling to transfer energy from the primary to the secondary side. This provides the **1000VDC isolation**, preventing electrical noise or fault currents from crossing between circuits.
3. **Rectification & Filtering:** The AC signal on the secondary side is converted back to DC (±15V) and filtered using internal capacitors to reduce ripple and noise.
4. **Dual Output Configuration:** Unlike single output converters, this part provides two symmetric rails (+15V and -15V) relative to a common ground (COM).
---
### Pin Configuration (SIP7 Package)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | +Vin | Positive Input Voltage (+12V) |
| 2 | -Vin | Negative Input Voltage (Ground) |
| 4 | -Vout | Negative Output Voltage (-15V) |
| 5 | Common | Output Common (Ground) |
| 6 | +Vout | Positive Output Voltage (+15V) |
---
### Application Usage
This component is typically used in the following electronic circuits:
* **Operational Amplifiers (Op-Amps):** Providing the necessary positive and negative rails for analog signal processing.
* **Industrial Control Systems:** Isolating sensitive logic circuits from noisy power lines.
* **Data Acquisition:** Eliminating ground loops in distributed sensor networks.
---
- ⤷
What is the difference between regulated and unregulated DC-DC converters like this one?
- ⤷ How can I reduce the output ripple noise for the AM2D-1215D-RZ?
- ⤷ What is the maximum capacitive load this converter can drive?