công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AM2D-1209DH30-RZ

  • AI
    The **AM2D-1209DH30-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It belongs to a class of compact, isolated power modules used to regulate voltage and provide electrical isolation in industrial and electronic circuits. --- ## 1. Technical Specifications The part number itself acts as a code for its primary electrical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 12 VDC | Nominal input (typically ±10% range) | | **Output Voltage** | ±9 VDC | Dual output (positive and negative rails) | | **Power Rating** | 2 Watts | Maximum continuous output power | | **Isolation Voltage** | 3000 VDC | High dielectric strength for safety/noise decoupling | | **Package Style** | DIP14 / SIP | Compact footprint for PCB mounting | | **Output Current** | ±111 mA | Maximum current per output rail | | **Efficiency** | ~75% - 80% | Energy conversion efficiency | --- ## 2. Key Internal Electronic Components While the unit is an encapsulated module, its internal topology generally consists of: 1. **Switching Controller:** A high-frequency oscillator that converts DC input into a high-frequency AC signal. 2. **Isolation Transformer:** The "heart" of the H30 (3000V) rating. It provides physical and electrical separation between the input and output circuits using magnetic induction. 3. **Rectification Stage:** Diodes that convert the AC from the transformer back into DC. 4. **Filter Capacitors:** Internal ceramic or electrolytic capacitors used to smooth the output ripple and reduce electromagnetic interference (EMI). --- ## 3. Pinout Configuration (Standard DIP14) *Note: Always verify with the specific Aimtec datasheet for your revision.* | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | -Vin | Negative Input Voltage (Ground) | | **7** | NC | No Connection | | **8** | Common | Common Ground for Dual Outputs | | **9** | +Vout | Positive 9V Output | | **10** | -Vout | Negative 9V Output | | **14** | +Vin | Positive Input Voltage (+12V) | --- ## 4. Typical Applications * **Operational Amplifiers (Op-Amps):** The dual ±9V output is ideal for powering analog circuits that require symmetric voltage rails. * **Industrial Controls:** Used to isolate sensitive logic controllers from "noisy" 12V power buses. * **Data Acquisition:** Provides clean, isolated power to sensors to prevent ground loops. * **Telecom:** Small-scale voltage regulation in networking equipment. ---
    ✨ Follow-up Questions
    • ⤷ What is the operating temperature range for the AM2D-1209DH30-RZ?
    • ⤷ Does this model require external capacitors for stability?
    • ⤷ What are the alternatives if I need 5000V isolation instead of 3000V?