công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AM2D-0515SH30-RZ

  • AI
    ### AM2D-0515SH30-RZ: Electronic Component Overview The **AM2D-0515SH30-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It belongs to the AM2D series, which focuses on providing cost-effective, isolated power solutions in a compact SIP7 package. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 5V DC (Nominal) | | **Output Voltage** | 15V DC | | **Output Current** | 133 mA (Max) | | **Power Rating** | 2 Watts | | **Isolation Voltage** | 3000 VDC | | **Efficiency** | ~80% | | **Package Type** | SIP7 (Single Inline Package) | | **Operating Temp** | -40°C to +85°C | --- ### Key Internal Electronic Features 1. **Isolation (3000 VDC):** The "H30" in the part number signifies a high isolation rating. It uses internal magnetic coupling (a miniature transformer) to separate the input and output circuits physically. This prevents high-voltage spikes from damaging sensitive components on the output side. 2. **Regulation Type:** This specific model is typically **unregulated**. This means the output voltage may fluctuate slightly based on the load (current draw) and the stability of the input voltage. It is best used in circuits where the load is constant or where a post-regulator (like an LDO) is used. 3. **Short Circuit Protection:** It includes basic protection mechanisms to prevent the internal electronics from burning out during momentary faults, though it is usually rated for "momentary" rather than continuous short-circuit conditions. --- ### Pinout Configuration (SIP7) | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | +Vin | Positive Input Voltage | | 2 | -Vin | Negative Input Voltage (Ground) | | 5 | -Vout | Negative Output Voltage | | 7 | +Vout | Positive Output Voltage | --- ### Common Applications * **Industrial Controls:** Providing isolated power to sensors or communication modules (RS-485/CAN bus). * **Medical Equipment:** Due to the high isolation rating, it is suitable for low-power medical signal conditioning. * **Digital Systems:** Separating noisy digital ground from sensitive analog circuitry.
    ✨ Follow-up Questions
    • ⤷ What is the difference between regulated and unregulated DC-DC converters in this series?
    • ⤷ Are there specific decoupling capacitors recommended for the input/output of this part?
    • ⤷ Can this module be used to create a negative 15V rail from a 5V input?