công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AM2D-0505SH30-RZ

  • AI
    The **AM2D-0505SH30-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is designed to provide isolation and voltage regulation in compact electronic circuits. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage** | 5V DC (Range: 4.5V - 5.5V) | | **Output Voltage** | 5V DC | | **Output Current** | 400 mA (Max) | | **Power Rating** | 2 Watts | | **Isolation Voltage** | 3000 VDC | | **Package Type** | DIP7 (Dual In-line Package) | | **Efficiency** | ~72% to 80% (typical) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Breakdown of the Model Number The nomenclature provides specific details about the component's architecture: * **AM2D**: Series name (2 Watt, DC-DC). * **05**: Nominal Input Voltage (5V). * **05**: Nominal Output Voltage (5V). * **S**: Single Output. * **H30**: Isolation rating (3000 VDC). * **RZ**: Package/Revision style. --- ### 3. Core Functional Components Internally, the AM2D-0505SH30-RZ consists of several critical electronic stages: 1. **Input Filter**: Protects the converter from input voltage spikes and reduces reflected ripple current. 2. **Switching Oscillator**: Converts the DC input into a high-frequency AC signal to allow for transformer-based isolation. 3. **Isolation Transformer**: Provides the 3000VDC galvanic isolation between input and output, preventing noise or high-voltage faults from crossing circuits. 4. **Rectification & Smoothing**: Converts the AC back into stable DC and filters out switching noise. --- ### 4. Common Applications * **Industrial Controls**: Breaking ground loops in automated factory equipment. * **Medical Equipment**: Where high isolation is required for safety. * **Digital Circuits**: Providing a clean, isolated 5V rail for sensitive microcontrollers or sensors. * **Communication Ports**: Isolating RS-232, RS-485, or CAN bus interfaces. --- ### 5. Circuit Implementation (Typical Pins) ```text Pin 1: -V Input (Ground) Pin 2: +V Input Pin 4: -V Output Pin 6: +V Output ``` *Note: Always verify the datasheet for the specific pinout configuration before PCB layout.*
    ✨ Follow-up Questions
    • What are the main differences between isolated and non-isolated DC-DC converters?
    • How do I calculate the thermal derating for this component in a high-temperature environment?
    • What external capacitors are recommended for reducing output ripple on the AM2D series?