công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AM29118DCB

  • AI
    ## Overview of the AM29118DCB The **AM29118DCB** is a high-performance, 16-bit instruction processing unit (accumulator/ALU) that was part of the Advanced Micro Devices (AMD) **Am2900 series** of bit-slice processors. These components were widely used in the late 1970s and 1980s to build custom minicomputers, signal processors, and high-speed controllers. ### Key Specifications and Identification | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Micro Devices (AMD) | | **Bit Width** | 16-bit architecture | | **Package Type** | Hermetic Side-Brazed Ceramic DIP (CDIP) | | **Pin Count** | 48-Pin | | **Technology** | Bipolar (TTL compatible) | | **Operating Temp** | Military Range (-55°C to +125°C) | --- ### Core Functions and Architecture The AM29118 is designed as a specialized **16-bit accumulator** intended to enhance the speed of arithmetic and logic operations in microprogrammed systems. #### 1. Internal Components * **ALU (Arithmetic Logic Unit):** Performs standard operations like addition, subtraction, and logical functions (AND, OR, XOR). * **On-chip Registers:** Includes an accumulator register and a data register for high-speed temporary storage. * **Status Flags:** Provides Zero, Carry, Negative, and Overflow flags for conditional branching. * **Byte Swapping:** Feature allows for high-speed byte manipulation within the 16-bit word. #### 2. Data Paths It features bidirectional three-state outputs, allowing it to interface directly with common system buses. This is critical for "Bit-Slice" designs where multiple chips are concatenated to create CPUs of arbitrary word lengths (e.g., 32-bit or 64-bit). --- ### Part Number Breakdown (AM29118DCB) The suffix "DCB" provides critical information regarding the manufacturing standards and physical characteristics: * **D:** Denotes the package type, which is **Ceramic DIP**. * **C:** Indicates the **Commercial or Industrial** temperature range grade (though often paired with 'B' for MIL-STD compliance). * **B:** Refers to **MIL-STD-883** Level B processing. This means the part was rigorously tested for high-reliability applications (military/aerospace). --- ### Historical Significance and Use Cases The Am2900 family, including the AM29118, was revolutionary because it allowed engineers to "build their own" CPU. Instead of a fixed instruction set like an Intel 8080, designers used these parts to create custom microcode. **Common Applications:** * Military flight computers. * Early high-resolution graphics terminals. * Disk drive controllers. * Digital Signal Processing (DSP) hardware. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AM29118 and the more common AM2901?
    • ⤷ How does the 'Bit-Slice' architecture differ from modern monolithic CPUs?
    • ⤷ Where can I find the full pinout and datasheet for the 48-pin CDIP version?