AM20-R10K-RC
AI

The **AM20-R10K-RC** is a precision electronic component, specifically a **multiturn potentiometer** (often referred to as a "helipot"). It is designed for applications requiring high-resolution resistance adjustment and durability.
Below is a breakdown of its technical specifications and electronic characteristics.
---
### 1. Technical Specifications
This table outlines the core electronic parameters of the component:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Precision Multiturn Potentiometer |
| **Resistance Value** | 10k Ohms (10,000 Ω) |
| **Tolerance** | ±5% |
| **Number of Turns** | 10 Turns (3600° rotation) |
| **Power Rating** | 2.0 Watts at 70°C |
| **Linearity** | ±0.25% (Standard) |
| **Operating Temperature** | -55°C to +125°C |
| **Dielectric Strength** | 1,000 VAC |
---
### 2. Internal Electronic Structure
The "AM20" series typically utilizes a **Wirewound** construction. Here is how it functions electronically:
* **Resistance Wire:** A high-precision resistive wire is wound around a non-conductive mandrel.
* **Helical Path:** The mandrel is shaped like a spring (helix). As you turn the shaft, the internal wiper travels along this helical path.
* **Resolution:** Because the wire is wound over 10 full rotations, the user can achieve much finer control over the output voltage or resistance compared to a standard 270-degree single-turn pot.
* **RoHS Compliance:** The **"-RC"** suffix indicates that the part is **RoHS Compliant**, meaning it is manufactured without hazardous substances like lead or cadmium.
---
### 3. Pin Configuration and Circuitry
The device functions as a variable voltage divider. It typically features three terminals:
1. **Terminal 1:** Start of the resistive element.
2. **Terminal 2 (Wiper):** The moving contact that slides along the wire.
3. **Terminal 3:** End of the resistive element.
#### Typical Wiring Logic:
```c
// When used as a Voltage Divider:
[Input Voltage] -> Terminal 1
[Ground] -> Terminal 3
[Variable Out] -> Terminal 2 (Wiper)
```
---
### 4. Common Applications
* **Industrial Control:** Precise speed control for motors or frequency drives.
* **Instrumentation:** Calibration of medical or laboratory equipment where exact values are critical.
* **Power Supplies:** Fine-tuning output voltage or current limits.
- ⤷
What is the mechanical life expectancy of the AM20-R10K-RC in terms of shaft rotations?
- ⤷ How does the 'Linearity' percentage affect the output accuracy of this potentiometer?
- ⤷ Can this component be used in high-vibration environments without a locking nut?