AM20-R068K-RC
AI

The **AM20-R068K-RC** is a specific type of electronic component known as a **Molded Inductor** (specifically a RF Choke). It belongs to the AM20 series, typically manufactured by companies like Allied Components International.
Below is a detailed breakdown of its specifications and characteristics.
---
### 1. Part Number Breakdown
The alphanumeric code provides specific details about the component's values and tolerances:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **AM20** | Series Name | Indicates the physical size and package type (Molded Inductor). |
| **R068** | Inductance Value | Represents **0.068 µH** (Microhenries). |
| **K** | Tolerance | **±10%** deviation from the nominal inductance. |
| **RC** | Compliance | Indicates **RoHS Compliant** (Lead-free). |
---
### 2. Technical Specifications
These are the typical electrical characteristics for this specific part:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.068 µH |
| **Q Factor (Min)** | 40 (at test frequency) |
| **Self-Resonant Frequency (SRF)** | ~450 MHz (Minimum) |
| **DC Resistance (DCR) Max** | ~0.10 Ohms |
| **Rated Current (Idc)** | ~1000 mA (1.0 Amp) |
| **Operating Temperature** | -55°C to +125°C |
---
### 3. Physical Construction
* **Package Type:** Axial Leaded (Through-hole).
* **Encapsulation:** Molded epoxy resin. This provides excellent environmental protection, moisture resistance, and mechanical strength.
* **Core Material:** Typically Phenolic or Ferrite depending on the specific frequency range (Phenolic is common for very low inductance RF chokes).
* **Color Coding:** Often marked with color bands (similar to resistors) to denote the value in microhenries.
---
### 4. Common Applications
The AM20-R068K-RC is designed primarily for High-Frequency (RF) applications where it acts as a filter or a "choke."
* **RF Coupling/Decoupling:** Blocking high-frequency noise while allowing DC current to pass.
* **Filter Networks:** Used in LC (Inductor-Capacitor) circuits for signal processing.
* **Telecommunications:** Used in radio transmitters, receivers, and cellular infrastructure.
* **EMI Suppression:** Reducing electromagnetic interference in sensitive electronic circuits.
---
- ⤷
What is the difference between a phenolic core and a ferrite core inductor?
- ⤷ How do I read the color bands on an axial inductor like this one?
- ⤷ What are the common alternatives to the AM20 series for surface mount (SMD) designs?