công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AM1DR-2407S-RZ

  • AI
    The **AM1DR-2407S-RZ** is a high-performance, isolated DC-DC converter manufactured by **Aimtec**. It is designed to provide a regulated voltage output in a compact SIP7 (Single In-Line) package. --- ## 1. Core Technical Specifications | Parameter | Specification | |:---|:---| | **Input Voltage Range** | 21.6 – 26.4 VDC (Nominal 24V) | | **Output Voltage** | 7.2 VDC | | **Output Current** | 139 mA (Max) | | **Power Rating** | 1 Watt | | **Isolation Voltage** | 3000 VDC | | **Package Type** | SIP7 (Plastic Case) | | **Efficiency** | ~72% to 80% (depending on load) | --- ## 2. Key Electronic Features ### A. Galvanic Isolation This part provides **3000 VDC isolation** between the input and the output. This is critical for: * **Noise Reduction:** Breaking ground loops in sensitive analog circuits. * **Safety:** Protecting low-voltage control logic from high-voltage surges on the input bus. ### B. Regulation Type (Regulated) Unlike "unregulated" converters where the output voltage fluctuates based on the input voltage, the **"R"** in the suffix indicates it is a **regulated** converter. It maintains a stable 7.2V output even if the 24V input varies within its tolerance range. ### C. Protection Mechanisms * **Continuous Short Circuit Protection:** The device can withstand a short circuit on the output indefinitely without permanent damage, automatically recovering once the fault is removed. * **Operating Temperature:** Typically rated to function between **-40°C and +85°C**, making it suitable for industrial environments. --- ## 3. Pinout Configuration (SIP7) | Pin Number | Function | Description | |:---:|:---:|:---| | 1 | +Vin | Positive Input Voltage | | 2 | -Vin | Negative Input (Ground) | | 4 | -Vout | Negative Output | | 6 | +Vout | Positive Output | --- ## 4. Typical Applications * **Industrial Control Systems:** Providing clean power to sensors or communication modules. * **Digital Circuits:** Powering microcontrollers that require a specific 7.2V rail. * **Instrumentation:** Isolating measurement circuits to prevent interference. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AM1DR and the unregulated AM1D series?
    • ⤷ Does this converter require external capacitors for stability?
    • ⤷ What is the maximum operating temperature before derating is required?