công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AM1DR-1209S-RZ

  • AI
    ### Overview of AM1DR-1209S-RZ The **AM1DR-1209S-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is part of the AM1DR-Z series, designed to provide isolated power conversion in a compact SIP7 package. This specific model is widely used in industrial control systems, telecommunications, and instrumentation. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 10.8V to 13.2V DC (Nominal 12V) | | **Output Voltage** | 9V DC | | **Output Current** | 111 mA (Max) | | **Power Rating** | 1 Watt | | **Isolation Voltage** | 3000 VDC | | **Package Type** | SIP7 (Single Inline Package, 7 pins) | | **Efficiency** | ~80% (Typical) | | **Operating Temperature** | -40°C to +85°C | --- ### Internal Electronic Components & Design The module consists of several critical electronic sub-sections integrated into a small footprint: 1. **Switching Controller:** An internal oscillator and PWM (Pulse Width Modulation) controller that converts the DC input into a high-frequency AC signal. 2. **Transformer (Isolation Barrier):** A miniature high-frequency transformer that provides the 3000VDC galvanic isolation between the input and output stages. This is crucial for protecting sensitive logic circuits from high-voltage spikes. 3. **Rectification & Filtering:** High-speed diodes and ceramic capacitors (MLCCs) are used to convert the AC back to a stable DC output and minimize ripple/noise. 4. **Protection Circuitry:** Includes short-circuit protection to prevent the module from failing during a fault condition. --- ### Pin Configuration (SIP7) | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | +Vin | Positive Input Voltage | | 2 | -Vin | Negative Input Voltage (Ground) | | 5 | -Vout | Negative Output Voltage | | 7 | +Vout | Positive Output Voltage | | 3, 4, 6 | N.C. | No Connection (internal support pins) | --- ### Common Applications * **Industrial Automation:** Powering sensors and microcontrollers in environments with high electrical noise. * **Data Communication:** Providing isolated power for RS485 or CAN bus transceivers. * **Medical Equipment:** (Non-critical) isolation for signal processing units. * **Portable Devices:** Efficient voltage regulation for battery-operated systems.
    ✨ Follow-up Questions
    • ⤷ What are the recommended external capacitors for reducing output ripple on this model?
    • ⤷ How does the 3000VDC isolation benefit high-precision sensor circuits?
    • ⤷ Is there a dual-output version of the AM1DR series?