công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AM1DR-0507S-RZ

  • AI
    The **AM1DR-0507S-RZ** is a high-performance, compact DC-DC converter manufactured by **Aimtec**. It belongs to a class of power modules designed to provide isolated voltage regulation for sensitive electronic components. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the AM1DR-0507S-RZ: | Parameter | Specification | | :--- | :--- | | **Input Voltage (Nominal)** | 5 VDC (Range: 4.5 - 5.5 VDC) | | **Output Voltage** | 7.2 VDC | | **Output Current** | 139 mA (Max) | | **Power Rating** | 1 Watt | | **Isolation Voltage** | 3000 VDC | | **Efficiency** | ~75% - 80% | | **Package Type** | SIP7 (Single Inline Package, 7-pin layout) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Description of Internal Parts While the device is a sealed module, its internal architecture consists of several critical electronic sections: #### A. Input Filter Used to reduce reflected ripple current. It typically consists of a small ceramic capacitor or a rudimentary LC filter to ensure the switching noise doesn't interfere with the main 5V supply line. #### B. Switching Controller (PWM) An internal oscillator and switching transistor (MOSFET) convert the DC input into a high-frequency square wave. High frequency (usually >100kHz) allows the use of a very small transformer. #### C. Isolation Transformer This is the core component that provides the **3000VDC isolation**. It magnetically transfers energy from the input side to the output side, ensuring there is no direct electrical path between the 5V source and the 7.2V load. #### D. Rectification and Regulation The secondary side of the transformer features high-speed Schottky diodes to rectify the AC signal back into DC. A low-dropout (LDO) regulator or a feedback loop ensures the output stays stable at 7.2V even if the load fluctuates. --- ### 3. Pinout Configuration The AM1DR-0507S-RZ typically follows the standard SIP7 pinout for Aimtec converters: ```text Pin 1: +V Input Pin 2: -V Input (GND) Pin 4: -V Output Pin 6: +V Output (Pins 3, 5, 7 are often No Connection or omitted depending on series) ``` --- ### 4. Common Applications * **Industrial Controls:** Breaking ground loops in noisy environments. * **Data Acquisition:** Powering sensors that require a specific 7.2V rail isolated from the digital logic. * **Telecom:** Providing isolated bias voltages for interface circuits.
    ✨ Follow-up Questions
    • ⤷ What are the recommended external capacitors for reducing output ripple on this model?
    • ⤷ How does the 3000VDC isolation benefit medical or industrial sensor applications?
    • ⤷ Are there pin-compatible alternatives if 1 Watt of power is insufficient?