công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AM1D-4805SH30-RZ

  • AI
    ## Technical Overview: AM1D-4805SH30-RZ The **AM1D-4805SH30-RZ** is a high-performance, isolated DC-DC converter manufactured by **Aimtec**. It is designed to provide stable output voltage from a higher voltage source while maintaining galvanic isolation between the input and output circuits. --- ### 1. Key Technical Specifications The following table summarizes the core electronic characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Aimtec | | **Input Voltage (Nominal)** | 48 VDC | | **Input Voltage Range** | 43.2 V to 52.8 V | | **Output Voltage** | 5 VDC | | **Output Current** | 200 mA | | **Power Rating** | 1 Watt | | **Isolation Voltage** | 3000 VDC | | **Efficiency** | ~72% - 80% | | **Package Type** | DIP8 (Dual In-line Package) | --- ### 2. Breakdown of the Model Code The part number follows a specific nomenclature that defines its internal electronic behavior: * **AM1D**: Series identifier (1 Watt Isolated DC-DC Converter). * **48**: Nominal Input Voltage (48V). * **05**: Nominal Output Voltage (5V). * **S**: Single Output. * **H30**: Isolation rating (3000 VDC). * **RZ**: Package style and environmental compliance (RoHS). --- ### 3. Core Electronic Components & Features Inside the module, several stages work together to manage the power conversion: * **Switching Controller:** Uses high-frequency pulse width modulation (PWM) to convert the DC input into an AC signal for the transformer. * **Isolation Transformer:** The "heart" of the device. It provides a 3000V dielectric barrier, protecting the load from input spikes and breaking ground loops. * **Rectification & Filtering:** High-speed diodes and internal capacitors convert the AC back to a steady 5V DC and minimize output ripple/noise. * **Short Circuit Protection:** Includes basic protection mechanisms to prevent damage during output faults. --- ### 4. Common Applications * **Industrial Controls:** Powering 5V microcontrollers or sensors from a 48V industrial bus. * **Telecommunications:** Converting standard 48V telecom power to logic-level voltages. * **Data Acquisition:** Reducing noise interference through high-voltage isolation between sensitive analog parts and digital power. ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the DIP8 package of this converter?
    • ⤷ Can this module be used in parallel to increase output current?
    • ⤷ What is the recommended operating temperature range for the AM1D series?