công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AM1D-4805D-RZ

  • AI
    ### AM1D-4805D-RZ Technical Overview The **AM1D-4805D-RZ** is a high-performance, compact DC-DC converter manufactured by **Aimtec**. It is part of the AM1D series, designed to provide isolated power conversion in a small SIP7 (Single Inline Package) form factor. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 43.2 VDC to 52.8 VDC (Nominal 48V) | | **Output Voltage** | Dual ±5 VDC | | **Max Output Current** | ±100 mA | | **Isolation Voltage** | 1000 VDC (Standard) | | **Power Rating** | 1 Watt | | **Efficiency** | ~72% to 80% (typical) | | **Operating Temperature** | -40°C to +85°C | | **Package Style** | SIP7 (Plastic Case) | --- ### 2. Functional Description The "D" in the part number signifies a **Dual Output** configuration. This means the device takes a single 48V DC input and provides two symmetrical rails: **+5V** and **-5V** relative to a common ground. This is particularly useful for powering operational amplifiers (Op-Amps) or analog-to-digital converters (ADCs) that require dual polarity. #### Internal Block Diagram Logic: 1. **Input Filter:** Reduces reflected ripple current back to the main source. 2. **Inverter:** High-frequency switching stage (PWM or fixed frequency). 3. **Isolation Transformer:** Provides galvanic isolation between input and output circuits. 4. **Rectification & Smoothing:** Converts the AC signal back to stable DC. --- ### 3. Pin Configuration (SIP7 Package) Below is the standard pinout for the dual-output AM1D series: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | +Vin | Positive Input Voltage | | 2 | -Vin | Negative Input Voltage (Ground) | | 4 | -Vout | Negative Output Voltage (-5V) | | 5 | Common | Output Common (Ground) | | 6 | +Vout | Positive Output Voltage (+5V) | --- ### 4. Common Applications * **Industrial Automation:** Powering sensors and control logic from a 48V industrial bus. * **Telecommunications:** Providing localized low voltage from 48V battery systems. * **Data Acquisition:** Creating clean dual rails for high-precision analog circuitry. * **Isolation:** Protecting sensitive low-voltage microcontrollers from high-voltage input transients. --- ### 5. Design Considerations * **Filtering:** To meet Class B EMI requirements, an external capacitor (typically 4.7µF to 10µF) is recommended on the input. * **Load Regulation:** As this is an unregulated or semi-regulated converter, the output voltage may fluctuate slightly based on the load (keep the load between 10% and 100% for best performance). * **Heat Dissipation:** Ensure adequate airflow if operating near the upper limit of the +85°C temperature range.
    ✨ Follow-up Questions
    • ⤷ Does this model offer short-circuit protection?
    • ⤷ What is the recommended external input filter for this converter?
    • ⤷ Can the outputs be connected in series to provide 10V?