công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AM1D-2409D-RZ

  • AI
    ## Overview: AM1D-2409D-RZ The **AM1D-2409D-RZ** is a high-performance, isolated DC-DC converter manufactured by **Aimtec**. It is part of the AM1D series, designed to provide a stable dual output voltage from a single input source, typically used in industrial and telecommunications equipment. --- ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Manufacturer** | Aimtec | | **Input Voltage Range** | 21.6V to 26.4V DC (Nominal 24V) | | **Output Voltage** | ±9V DC (Dual Output) | | **Output Current** | ±56mA | | **Power Rating** | 1 Watt | | **Isolation Voltage** | 1000 VDC | | **Package Type** | SIP7 (Single In-line Package) | | **Efficiency** | ~72% to 80% | --- ### 2. Functional Components and Features * **Isolation Barrier:** Provides galvanic isolation of up to 1000 VDC between the input and output stages. This is crucial for protecting sensitive logic circuits from high-voltage surges or noise in the power line. * **Dual Output Configuration:** Unlike standard converters, this part provides two symmetrical output rails (+9V and -9V). This is ideal for powering **Operational Amplifiers (Op-Amps)** and high-fidelity audio circuits. * **SIP7 Form Factor:** The "RZ" suffix indicates the physical housing. The SIP7 package is a vertical, space-saving design with 7 pins, making it easy to integrate into dense PCB layouts. * **Protection Circuits:** Includes continuous short-circuit protection, ensuring the module does not fail if the output leads are accidentally crossed. --- ### 3. Pin Configuration (SIP7) | Pin Number | Function | Description | | :---: | :--- | :--- | | 1 | +Vin | Positive Input Voltage | | 2 | -Vin | Negative Input (Ground) | | 4 | -Vout | Negative Output (-9V) | | 5 | Common | Output Common / Zero Ground | | 6 | +Vout | Positive Output (+9V) | *Note: Pins 3 and 7 are typically omitted or NC (No Connection) depending on the specific sub-series layout.* --- ### 4. Typical Applications 1. **Analog Circuits:** Powering dual-rail amplifiers that require balanced +/- supplies. 2. **Industrial Controls:** Isolating control signals from 24V power buses. 3. **Data Acquisition:** Reducing ground loop noise in sensitive sensor interfaces. 4. **Telecom:** Small-scale voltage regulation in distributed power architectures. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 'RZ' and 'NZ' suffixes in Aimtec converters?
    • ⤷ Can this converter be used with a 12V input instead of 24V?
    • ⤷ What external capacitors are recommended for filtering the output ripple?