công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AM1D-0509D-RZ

  • AI
    ### AM1D-0509D-RZ: Technical Overview The **AM1D-0509D-RZ** is a high-performance DC-DC converter manufactured by Aimtec. It is part of the AM1D series, specifically designed to provide isolated power in a compact package. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage** | 5V DC (Range: 4.5V – 5.5V) | | **Output Voltage** | ±9V DC (Dual Output) | | **Output Current** | ±56mA | | **Power Rating** | 1 Watt | | **Isolation Voltage** | 1000V DC (standard) | | **Efficiency** | ~75% - 80% | | **Package Type** | DIP7 (Dual Inline Package) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Functional Breakdown #### A. Input Stage The device accepts a nominal 5V DC input. It includes basic filtering to manage input ripple and protect the internal switching circuitry. #### B. Isolation Barrier The "RZ" suffix typically indicates a specific isolation and package configuration. This converter provides a **1000V DC isolation** between the input and the output. This is crucial for: - Breaking ground loops. - Protecting sensitive components from high-voltage spikes on the input side. - Reducing noise interference in mixed-signal circuits. #### C. Dual Output Configuration Unlike single-output converters, this model provides **±9V**. - It features a common ground (COM) pin. - It provides a positive rail (+9V) and a negative rail (-9V) relative to the common pin. - This is ideal for powering **Operational Amplifiers (Op-Amps)** and other analog components that require a bipolar power supply. --- ### 3. Pinout Configuration (Standard DIP7) | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | +V Input | Positive Supply Input | | 2 | -V Input | Negative Supply Input (Ground) | | 4 | -V Output | Negative DC Output (-9V) | | 5 | Common | Output Common (0V) | | 6 | +V Output | Positive DC Output (+9V) | --- ### 4. Common Applications - **Analog Circuits:** Providing balanced power to precision amplifiers. - **Industrial Controls:** Isolate digital control logic from noisy actuator sensors. - **Data Communication:** Powering RS-232 or RS-485 transceivers. - **Portable Instruments:** Compact power conversion in battery-operated 5V systems. --- ### 5. Design Considerations * **Decoupling:** It is highly recommended to place low-ESR ceramic capacitors (e.g., 4.7µF to 10µF) at both the input and output to minimize switching noise. * **Minimum Load:** Most AM1D series converters require a minimum load (usually 10%) to maintain voltage regulation within specifications. * **Heat Dissipation:** While 1W is low power, ensure adequate airflow if operating at the upper limit of the temperature range (+85°C).
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'RZ' suffix in Aimtec's part numbering system?
    • ⤷ Can this converter be used if the input voltage fluctuates beyond 5.5V?
    • ⤷ How do I calculate the ripple and noise filters for this specific ±9V output?