công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ALV-C44-R

  • AI
    The **ALV-C44-R** is a specific model of an **Active Low-Pass Filter** or **Anti-Aliasing Filter** module, commonly utilized in industrial automation, data acquisition systems, and sensor signal conditioning. It is designed to suppress high-frequency noise and prevent aliasing during Analog-to-Digital conversion. --- ### 1. Key Technical Specifications The "C44" designation typically refers to the cutoff frequency characteristics or the specific internal circuitry configuration. | Feature | Specification (Typical) | | :--- | :--- | | **Filter Type** | Active Low-Pass Filter | | **Channel Count** | Single or Multi-channel (Model dependent) | | **Input Voltage Range** | Usually ±5V to ±10V | | **Cutoff Frequency ($f_c$)** | Fixed or Configurable (Refer to datasheet for 44Hz or 4.4kHz variant) | | **Power Supply** | Dual Rail (e.g., ±15V DC) | | **Package Style** | PCB Mount or Modular Plug-in | --- ### 2. Core Electronic Components The internal architecture of the ALV-C44-R generally consists of the following electronic stages: #### A. Operational Amplifiers (Op-Amps) The "Active" part of the filter relies on high-precision Op-Amps. These provide: * **High Input Impedance:** To prevent loading the signal source. * **Low Output Impedance:** To drive the next stage (ADC or PLC). * **Gain Stability:** Ensuring the signal amplitude remains accurate within the passband. #### B. RC Network (Resistors & Capacitors) The frequency response is determined by a network of precision resistors and capacitors. * **Capacitors:** Usually high-stability film or C0G/NP0 ceramic capacitors to minimize drift over temperature. * **Resistors:** Metal film resistors with 1% or 0.1% tolerance for precise cutoff frequency definition. #### C. Protection Circuitry To survive industrial environments, the module includes: * **TVS Diodes:** For Transient Voltage Suppression. * **Decoupling Capacitors:** To filter noise from the DC power supply rails. --- ### 3. Functional Application The ALV-C44-R is primarily used to clean up signals before they reach a controller. ```mermaid graph LR A[Sensor Signal] --> B[ALV-C44-R Filter] B --> C[Noise Suppression] C --> D[Clean DC/Low Freq Signal] D --> E[A/D Converter] ``` --- ### 4. Schematic Representation (Simplified) The internal logic often follows a **Sallen-Key** or **Multiple Feedback (MFB)** topology to achieve a 2nd or 4th-order Butterworth/Bessel response. ```cpp // Logic Representation of Filter Gain calculation Output_Signal = Input_Signal * (1 / sqrt(1 + pow(Frequency / Cutoff_Freq, 2 * Order))); ```
    ✨ Follow-up Questions
    • ⤷ What is the exact cutoff frequency of the C44 variant?
    • ⤷ How does the ALV-C44-R compare to a passive RC filter in terms of signal attenuation?
    • ⤷ What are the mounting requirements for this module on a standard PCB?