ALV-A113-R
AI

The **ALV-A113-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) LED Indicator**, often produced by manufacturers like **Kingbright**. It is designed for high-reliability applications requiring high-intensity light output in a compact footprint.
---
## 1. Technical Specifications
Below are the primary electronic and physical characteristics of the ALV-A113-R:
| Parameter | Typical Value |
| :--- | :--- |
| **Component Type** | SMD LED (Subminiature) |
| **Color** | Red (Hyper Red) |
| **Luminous Intensity** | ~100 - 300 mcd @ 20mA |
| **Forward Voltage ($V_f$)** | 1.95V - 2.5V |
| **Forward Current ($I_f$)** | 20mA (Max 30mA) |
| **Wavelength** | 630 nm - 645 nm |
| **Viewing Angle** | 20° - 40° (Directional) |
| **Package Style** | Axial Lead / Gull-wing |
---
## 2. Key Electronic Features
The ALV-A113-R is distinguished by several engineering features that make it suitable for industrial and commercial PCBs:
### A. Subminiature Axial Package
Unlike standard 0805 or 1206 SMD LEDs, this part often features **long leads** that can be bent into a "Gull-wing" or "Yoke" configuration. This allows for versatile mounting on both the top and bottom of thin circuit boards.
### B. High Efficiency Material
The internal chip is usually constructed using **AlGaInP (Aluminium Gallium Indium Phosphide)** on a GaAs substrate. This material science provides:
* High luminous efficiency.
* Low power consumption.
* Long-term reliability under thermal stress.
### C. Moisture Sensitivity
These parts are typically rated **MSL 3 (Moisture Sensitivity Level 3)**. This means they must be handled carefully in manufacturing to prevent "popcorning" (internal cracking) during reflow soldering if they have absorbed atmospheric moisture.
---
## 3. Circuit Integration Example
To use the ALV-A113-R in a 5V circuit, a current-limiting resistor is required to prevent burnout.
```python
# Calculation for Resistor (R)
# Formula: R = (V_source - V_forward) / I_forward
V_source = 5.0 # Volts
V_f = 2.0 # Typical Forward Voltage for Red
I_f = 0.02 # 20mA in Amps
R = (5.0 - 2.0) / 0.02
print(f"Required Resistor: {R} Ohms") # Result: 150 Ohms
```
---
## 4. Common Applications
* **Backlighting:** Used in small switches or membrane keypads.
* **Status Indicators:** Power-on lights for hand-held medical or industrial devices.
* **Fiber Optics:** Due to the narrow viewing angle and subminiature size, it is sometimes used as a light source for short-range plastic optical fibers.
- ⤷What are the specific soldering temperature profiles for the ALV-A113-R?
- ⤷ How does the 'Gull-wing' lead configuration differ from standard SMD mounting?
- ⤷ What are the AlGaInP material advantages over standard GaAsP LEDs?