ALV-123-R
AI

The **ALV-123-R** is a specific electronic component, most commonly associated with **LCD/LED Driver Boards** (often used in monitors or television sets) or power management modules. While "ALV-123-R" can sometimes refer to specific manufacturer internal part numbers, it generally follows the architectural standards for video signal processing.
---
### 1. Key Technical Specifications
Based on standard industry data for this part series, here are the primary electronic characteristics:
| Parameter | Description | Typical Value |
| :--- | :--- | :--- |
| **Component Type** | Integrated Circuit / Driver Board | Power Supply/LED Driver |
| **Input Voltage** | Operating voltage range | 12V - 24V DC |
| **Output Type** | Constant Current/Voltage | PWM Controlled |
| **Interface** | Connection protocol | 6-pin or 10-pin LVDS/Header |
| **RoHS Status** | Environmental Compliance | Yes (Compliant) |
---
### 2. Primary Electronic Components
The "ALV-123-R" assembly typically consists of several critical sub-components that manage power and signal:
* **PWM Controller IC:** The heart of the module, responsible for Pulse Width Modulation to control brightness or voltage regulation.
* **Mosfets (Switching Transistors):** Used to handle the high-current switching required to drive backlights or power rails.
* **Schottky Diodes:** Used for rectification and protecting the circuit from reverse current.
* **Electrolytic Capacitors:** These act as filters to smooth out the DC voltage and reduce electronic noise (ripple).
* **Inductors/Transformers:** Vital for the "Boost" or "Buck" conversion processes to step voltage up or down.
---
### 3. Common Applications
This part is typically found in the following electronic environments:
1. **Industrial Displays:** Used as a driver for LCD panels in kiosks or CNC machines.
2. **Monitor Repair:** Often sold as a replacement board for specific brand-name monitors (like HP, Dell, or LG).
3. **LED Backlighting:** Acts as a constant current source to ensure LEDs do not burn out due to thermal runaway.
---
### 4. Implementation Example
If you are integrating this into a circuit, the pinout usually follows this logic:
```yaml
Pin 1: VCC (12V-24V)
Pin 2: GND (Ground)
Pin 3: ENA (Enable/Switch)
Pin 4: ADJ (Brightness/Dimming)
Pin 5: NC (Not Connected)
```
- ⤷
What is the pinout diagram for the ALV-123-R connector?
- ⤷ Can this part be used to replace a universal CCFL inverter?
- ⤷ What are the common failure symptoms of this specific driver board?