công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ALTG-U42-R

  • AI
    The **ALTG-U42-R** is a specific model of an **Industrial Unmanaged Gigabit Ethernet Switch**, often utilized in automation, telecommunications, and security surveillance environments. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Core Technical Specifications The device is designed for high-speed data transmission in rugged environments. | Feature | Specification | | :--- | :--- | | **Port Configuration** | 4 x 10/100/1000Base-T(X) RJ45 Ports | | **Uplink Ports** | 2 x 1000Base-X SFP Slots (Fiber Optic) | | **Switching Capacity** | 12 Gbps | | **Input Voltage** | 12V - 58V DC (Redundant Power Support) | | **Mounting** | DIN-Rail or Wall Mount | | **Protection Class** | IP40 Aluminum Housing | --- ### 2. Key Electronic Components #### A. Networking Chipset (ASIC) The heart of the unit is an unmanaged Ethernet switch controller. * **Function:** Handles MAC address learning, packet forwarding, and frame filtering. * **Buffer Memory:** Usually equipped with integrated packet buffers to handle high-traffic bursts without packet loss. #### B. SFP (Small Form-factor Pluggable) Slots * **Fiber Interface:** These slots allow for long-distance data transmission (up to 20km-100km depending on the SFP module used). * **Isolation:** Fiber provides immunity to electromagnetic interference (EMI), crucial in industrial settings. #### C. Power Management Circuitry * **Redundant Power Inputs:** Includes two DC power inputs so that if one power supply fails, the second takes over instantly. * **Reverse Polarity Protection:** Prevents damage to the internal electronics if the power wires are connected incorrectly. * **Overload Protection:** Resettable fuses to protect the board from current spikes. #### D. Protection & Hardening * **Surge Protection:** Typically rated for 4kV–6kV to protect against lightning strikes and industrial surges. * **ESD Protection:** Contact discharge protection (8kV) and Air discharge protection (15kV). * **Thermal Design:** Fanless design using the aluminum chassis as a heat sink, allowing it to operate in temperatures from **-40°C to 75°C**. --- ### 3. LED Indicator Logic The electronic board includes diagnostic LEDs to troubleshoot the network status without software: | LED | Status | Meaning | | :--- | :--- | :--- | | **PWR** | Green | Power is supplied correctly | | **Link/ACT** | Flashing Green | Data is being transmitted/received | | **Speed** | Yellow/Green | Indicates 100Mbps vs 1000Mbps connection | | **SFP** | Green | Fiber link established | --- ### 4. Typical Applications * **IP Surveillance:** Connecting high-definition cameras to a central NVR. * **Solar Farms:** Monitoring equipment over long distances via fiber. * **Factory Automation:** Connecting PLCs (Programmable Logic Controllers) to the main network.
    ✨ Follow-up Questions
    • ⤷ Does this model support Power over Ethernet (PoE) for cameras?
    • ⤷ What is the difference between an unmanaged and a managed version of this switch?
    • ⤷ What type of SFP modules are compatible with the ALTG-U42-R?