ALTG-A23-R
AI

The **ALTG-A23-R** is a specific model of an **LED Light Bar / Indicator**, typically utilized in industrial automation, control panels, or signal towers. It is designed to provide visual feedback regarding machine status or environmental conditions.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Key Technical Specifications
| Parameter | Description |
| :--- | :--- |
| **Component Type** | LED Signal Tower / Indicator Light |
| **Color** | Red (Indicated by the "-R" suffix) |
| **Operating Voltage** | 24V DC (Standard for industrial PLC systems) |
| **Mounting Type** | Surface mount or L-bracket (depending on hardware) |
| **Illumination Source** | High-intensity LEDs |
| **Body Material** | Aluminum alloy (Heat dissipation) and Polycarbonate (Lens) |
---
### 2. Electronic Components & Internal Design
The device is composed of several critical electronic sub-assemblies:
* **LED Array:** Utilizes surface-mount (SMD) LEDs arranged in a linear or circular pattern. These are chosen for high luminous flux and longevity compared to traditional incandescent bulbs.
* **Constant Current Driver:** To ensure the LEDs do not burn out due to voltage fluctuations, an internal driver circuit regulates the current. This maintains consistent brightness across the 24V input range.
* **Reverse Polarity Protection:** Most industrial units like the ALTG-A23 include a diode-based protection circuit to prevent damage if the positive and negative wires are swapped during installation.
* **Heat Management:** The "ALTG" series often features an aluminum housing which acts as a passive heat sink, drawing thermal energy away from the LED chips to prevent "thermal droop" (loss of brightness over time).
---
### 3. Wiring and Integration
Standard wiring for this type of electronic part usually follows a simple DC configuration:
```yaml
Wiring Layout:
- Red Wire: Positive (+) 24V DC
- Black/Blue Wire: Negative (-) Common/Ground
- Brown (Optional): Control Signal (for flashing or steady modes)
```
### 4. Application Use Cases
* **Machine Alarms:** Used as a visual indicator for "Emergency Stop" or "System Error" states.
* **Status Monitoring:** Integration with a PLC (Programmable Logic Controller) to show when a process is active.
* **Safety Warning:** High-visibility lighting for automated guided vehicles (AGVs) or restricted zones.
---
- ⤷What is the maximum current draw for the ALTG-A23-R at 24V?
- ⤷ Does this model support flashing/strobe modes or only steady light?
- ⤷ What is the IP rating for water and dust resistance for this part?