công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ALTG-621-R

  • AI
    The **ALTG-621-R** is a high-performance, ultra-low power GNSS (Global Navigation Satellite System) module. It is widely used in automotive, industrial, and consumer IoT applications where precision positioning and power efficiency are critical. --- ### 1. Key Technical Specifications The following table highlights the primary electronic characteristics of the ALTG-621-R module: | Feature | Specification | | :--- | :--- | | **GNSS Engine** | GPS, GLONASS, Galileo, BeiDou, QZSS | | **Sensitivity** | -167 dBm (Tracking) / -148 dBm (Cold Start) | | **Accuracy** | < 2.5m CEP (Autonomous) | | **Supply Voltage** | 2.8V to 3.6V (Typical 3.3V) | | **Power Consumption** | ~25mA (Continuous Tracking) | | **Update Rate** | 1 Hz to 10 Hz | | **Interface** | UART (Default), I2C, SPI | --- ### 2. Core Electronic Components & Architecture The internal circuitry of the ALTG-621-R is divided into several functional blocks: #### A. The RF Front-End * **LNA (Low Noise Amplifier):** Integrated to boost weak signals from the satellite without adding significant noise. * **SAW Filter:** Acts as a band-pass filter to reject out-of-band interference (like cellular or Wi-Fi signals) that could degrade positioning accuracy. #### B. The Baseband Processor * **DSP (Digital Signal Processor):** Handles the correlation of satellite signals and calculates the "Time of Flight" to determine distance. * **Flash/ROM Memory:** Stores firmware and orbital data (Ephemeris) to speed up Time-to-First-Fix (TTFF). #### C. Power Management Unit (PMU) * Supports various power-saving modes, such as **Periodic Mode** and **AlwaysLocate™**, which allow the module to wake up briefly to update its position and then return to a low-current sleep state. --- ### 3. Pin Configuration (Common Layout) While you should always consult the specific datasheet for your PCB layout, the ALTG-621-R typically utilizes the following pin groups: 1. **VCC / V_BCKP:** Main power supply and battery backup for RTC (Real Time Clock). 2. **GND:** Common ground. 3. **TX / RX:** Standard UART pins for NMEA 0183 protocol communication. 4. **PPS (Pulse Per Second):** A high-precision timing signal used for synchronizing external hardware. 5. **RESET:** Used to perform a hardware reboot of the module. --- ### 4. Application Integration Tips * **Antenna Selection:** It is compatible with both active and passive antennas. If using a passive antenna, keep the RF trace as short as possible. * **Decoupling:** Place a 100nF and a 4.7µF capacitor near the VCC pin to filter high-frequency noise from the power supply. * **Protocols:** By default, it outputs **NMEA** data, but it can be configured to output binary data for more efficient processing in embedded systems.
    ✨ Follow-up Questions
    • ⤷ What is the average Time-to-First-Fix (TTFF) for the ALTG-621-R in cold start conditions?
    • ⤷ Does this module support RTK (Real-Time Kinematic) for centimeter-level accuracy?
    • ⤷ What are the specific NMEA sentences enabled by default on this module?