công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ALSP-141-R

  • AI
    The **ALSP-141-R** is a specific model of an **Active Low-Pass Filter (ALPF)** module, commonly utilized in precision signal processing and instrumentation. These components are designed to allow low-frequency signals to pass through while attenuating frequencies above a specific cutoff point. --- ### 1. Key Technical Specifications While specific parameters can vary slightly based on the manufacturer (often associated with brands like *TTE* or *K&L Microwave*), the general characteristics are as follows: | Feature | Description | | :--- | :--- | | **Component Type** | Active Low-Pass Filter (ALPF) | | **Topology** | Typically Butterworth or Chebyshev (depending on order) | | **Frequency Range** | Usually fixed cutoff in the kHz to low MHz range | | **Impedance** | Standard 50Ω or high-input/low-output impedance | | **Supply Voltage** | Requires DC power (e.g., ±5V to ±15V) | | **Package Style** | PCB Mount or Modular Plug-in | --- ### 2. Core Electronic Components Inside an active filter module like the ALSP-141-R, you will find several key electronic elements integrated into a single package: * **Operational Amplifiers (Op-Amps):** The "Active" part of the filter. These provide gain and isolate the filter stages to prevent loading effects. * **Precision Resistors:** Used to set the gain and determine the frequency response in conjunction with capacitors. * **Capacitors:** High-stability capacitors (often NPO/COG or Polyphenylene) are used to define the poles of the filter. * **Voltage Regulators/Decoupling:** Internal circuitry to ensure the op-amps receive clean DC power, minimizing noise injection. --- ### 3. Functional Applications The ALSP-141-R is typically used in environments where signal integrity is critical: 1. **Anti-Aliasing:** Placed before an Analog-to-Digital Converter (ADC) to remove high-frequency noise that could cause sampling errors. 2. **Smoothing:** Placed after a Digital-to-Analog Converter (DAC) to smooth out "staircase" voltage steps. 3. **Sensor Conditioning:** Removing high-frequency electromagnetic interference (EMI) from low-frequency sensor data (e.g., strain gauges or temperature probes). --- ### 4. Integration Example To use this module in a circuit, you would typically follow this pinout logic: ```c // Typical Pin Configuration (Functional) 1. +Vcc // Positive Power Supply 2. -Vee // Negative Power Supply (or Ground) 3. Input // Raw Analog Signal 4. Output // Filtered Analog Signal 5. Common // Signal Ground ```
    ✨ Follow-up Questions
    • ⤷ What is the specific cutoff frequency for the ALSP-141-R model?
    • ⤷ How does an active filter differ from a passive filter in terms of power requirements?
    • ⤷ What is the roll-off rate (dB/octave) for this specific series?