công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ALR-444-R

  • AI
    The **ALR-444-R** is a specific electronic sub-component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits, specifically within DC-DC converters and voltage regulators. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic characteristics for the ALR-444-R series: | Property | Typical Value | Description | | :--- | :--- | :--- | | **Inductance** | 0.44 µH | The measure of magnetic energy storage. | | **Tolerance** | ±20% | The allowable variance in inductance. | | **DCR (Max)** | ~0.50 - 0.70 mΩ | Direct Current Resistance; lower is better for efficiency. | | **Isat (Saturation Current)** | 40A - 60A | The current at which inductance drops significantly. | | **Irms (Rated Current)** | 30A - 50A | The continuous current the part can handle without overheating. | --- ### 2. Physical Construction The ALR-444-R is designed for high-density electronic assemblies. Its construction usually includes: * **Core Material:** Composite Iron Powder or Ferrite. This allows for high saturation points and low core losses. * **Winding:** Flat wire or heavy-gauge copper wire to minimize skin effect and resistance. * **Shielding:** Magnetic shielding is standard to prevent Electromagnetic Interference (EMI) with neighboring components on the PCB. * **Mounting:** SMD (Surface Mount Device) pads for automated Pick-and-Place machine compatibility. --- ### 3. Functional Role in a Circuit The electronic role of this part involves three primary functions: 1. **Energy Storage:** It stores energy in a magnetic field during the "on" cycle of a switching regulator and releases it during the "off" cycle. 2. **Filtering:** It works alongside capacitors to smooth out voltage ripples, converting a pulsed signal into a steady DC voltage. 3. **Impedance:** It resists sudden changes in current, protecting sensitive downstream components (like CPUs or GPUs) from spikes. --- ### 4. Common Applications Due to its high current rating and low profile, the ALR-444-R is found in: * **Voltage Regulator Modules (VRMs):** Found on high-end PC motherboards. * **Server Power Supplies:** High-efficiency power conversion. * **Telecom Equipment:** Distributed power architectures. * **Automotive Electronics:** Infotainment and engine control units.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Isat and Irms in power inductors?
    • ⤷ How does the DCR of the ALR-444-R impact overall circuit efficiency?
    • ⤷ Are there alternative part numbers with similar footprints for the ALR-444-R?