AI

The **ALR-142-R/BL** is a specialized electronic component primarily used in industrial power distribution and protection. It is a **Residual Current Monitor (RCM)** or a **Ground Fault Relay** (often part of the ALR series by manufacturers like Broyce Control).
Below is a detailed breakdown of its electronic specifications and functions.
---
### 1. Key Technical Specifications
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Residual Current Monitor (RCM) / Earth Leakage Relay |
| **Control Supply** | Typically 110V - 230V AC (model dependent) |
| **Tripping Range** | Adjustable (e.g., 30mA to 30A) |
| **Time Delay** | Adjustable (e.g., 0s to 10s) |
| **Output Contacts** | 1 x SPDT (Single Pole Double Throw) or 2 x SPDT |
| **Mounting Type** | DIN Rail (standard 35mm) |
| **Reset Options** | Manual or Auto-reset |
---
### 2. Electronic Component Breakdown
The ALR-142-R/BL consists of several internal electronic subsystems that work together to detect electrical faults:
#### A. Sensing Interface (Toroid Input)
The unit does not measure current directly. Instead, it connects to an external **Toroidal Current Transformer (CBCT)**.
* **Physics:** All phase wires and the neutral pass through the toroid. In a healthy system, the vector sum is zero.
* **Electronic Detection:** If a leakage to earth occurs, the magnetic field becomes unbalanced, inducing a small voltage in the toroid's secondary winding, which the ALR-142 processes.
#### B. Signal Processing Circuitry
* **Filtering:** The internal electronics include low-pass filters to prevent nuisance tripping caused by high-frequency noise or harmonics from Variable Speed Drives (VSDs).
* **Comparator:** An internal operational amplifier circuit compares the sensed leakage level against the user-defined threshold set via the front dials.
#### C. Control & Output Stage
* **Electromagnetic Relay:** When the threshold is exceeded for the duration of the time delay, the internal relay energizes/de-energizes.
* **LED Indicators:**
* **Green:** Power Supply healthy.
* **Red:** Tripped/Fault detected.
---
### 3. Meaning of Model Suffixes
* **-R:** Generally indicates a **Remote Reset** capability or a specific **Relay** configuration.
* **-BL:** Often signifies a **Blue** backlight or a specific visual status indicator variant used for high-visibility industrial panels.
---
### 4. Typical Connection Diagram Concept
```text
[ Power Source L1, L2, L3, N ]
|
+-----|-----------+
| [ Toroid ] | <--- Measures leakage
+-----|-----------+
| | (Secondary Winding)
| [ ALR-142-R/BL ]
| (Terminals 1 & 2: Supply)
| (Terminals 3 & 4: Toroid Input)
| (Terminals 5, 6, 7: Output Relay)
|
[ Electrical Load ]
```
---
- ⤷
What are the compatible Toroidal Current Transformer (CBCT) sizes for this relay?
- ⤷ How do you calibrate the trip time delay for industrial motors?
- ⤷ What is the difference between Type A and Type AC leakage protection in this model?