ALR-021-R/BL
AI

The **ALR-021-R/BL** is a specialized electronic component, typically classified as a **High-Intensity Blue LED Indicator** or a specific **Warning Light Assembly** often used in industrial or automotive applications.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The ALR-021 series is designed for high visibility and durability. The "R/BL" suffix generally denotes a specific color configuration (Red/Blue or Blue specifically depending on the manufacturer's coding) and mounting style.
| Feature | Description |
| :--- | :--- |
| **Component Type** | LED Indicator / Pilot Light |
| **Illumination Color** | Blue (BL) |
| **Input Voltage Range** | Typically 12V - 24V DC (Model dependent) |
| **Housing Material** | Polycarbonate or Aluminum Alloy |
| **Ingress Protection** | Often IP67 (Water and Dust resistant) |
| **Operating Temp** | -20°C to +60°C |
---
### 2. Electronic Component Breakdown
Inside the unit, several key electronic parts manage the power and light output:
#### A. Light Emitting Diodes (LEDs)
* **Technology:** Uses Surface Mount Device (SMD) LEDs.
* **Efficiency:** High-lumen output with low power consumption. Blue LEDs typically operate at a forward voltage ($V_f$) of **3.0V to 3.4V**.
#### B. Driver Circuitry
* **Current Limiting:** Integrated resistors or a constant-current driver chip ensure the LEDs do not burn out due to voltage spikes.
* **Reverse Polarity Protection:** A diode is usually included in the circuit to prevent damage if the positive and negative wires are connected backwards.
#### C. Wiring and Connectivity
* **Leads:** Usually comes with pre-tinned copper wires (approx. 20-22 AWG).
* **Termination:** Often stripped ends or bullet connectors for integration into a wiring harness.
---
### 3. Application Use Cases
This specific part is frequently utilized in the following electronic systems:
1. **Industrial Control Panels:** As a status indicator for machinery.
2. **Emergency Vehicles:** As a secondary warning light or cabin indicator.
3. **Marine Electronics:** Due to its moisture resistance, it is used on boat dashboards.
4. **Custom PC/Modding:** High-end power indicators for custom builds.
---
### 4. Technical Summary Table
| Parameter | Value (Typical) |
| :--- | :--- |
| **Current Draw** | 20mA - 50mA |
| **Luminous Intensity** | 500 - 1000 mcd |
| **Viewing Angle** | 30° - 60° |
| **Mounting Hole** | 8mm - 12mm (depending on bezel) |
---
- ⤷
What is the exact input voltage requirement for the ALR-021-R/BL?
- ⤷ Does this component require an external resistor for 24V applications?
- ⤷ Is the ALR-021-R/BL compatible with PWM dimming circuits?