ALPT-123-R
AI

The **ALPT-123-R** is a high-performance, ultra-compact pressure transducer designed for industrial and aerospace applications where space is limited and reliability is critical.
### Technical Specifications Overview
The ALPT series is known for its rugged construction and precision. Below are the key electronic and physical specifications:
| Parameter | Specification |
| :--- | :--- |
| **Pressure Range** | Typically 0 to 100-5000 PSI (Model dependent) |
| **Output Signal** | 0.5 to 4.5 VDC (Ratiometric) |
| **Supply Voltage** | 5.0 ± 0.25 VDC |
| **Accuracy** | ±0.25% to ±0.5% FSO |
| **Operating Temp** | -40°C to +125°C |
| **Material** | 17-4 PH Stainless Steel |
---
### Key Electronic Components & Features
#### 1. Piezoresistive Sensing Element
The core of the ALPT-123-R is a **micromachined silicon strain gauge**. When pressure is applied to the stainless steel diaphragm, the silicon element deforms, changing its electrical resistance. This change is proportional to the pressure.
#### 2. Signal Conditioning Circuitry
Inside the compact housing, the device contains a miniaturized **ASIC (Application Specific Integrated Circuit)**. Its functions include:
* **Amplification:** Boosting the millivolt signal from the sensor to a usable 0.5-4.5V range.
* **Temperature Compensation:** Correcting for thermal drift to ensure accuracy across the entire operating temperature range.
* **Linearization:** Ensuring the output voltage is a straight-line representation of the input pressure.
#### 3. Electrical Interfacing
The "R" suffix often denotes a specific connector type or ratiometric output configuration.
* **Wiring:** Usually involves a 3-wire system (Excitation, Ground, and Signal).
* **Ratiometric Output:** The output voltage scales with the supply voltage. If the 5V supply fluctuates slightly, the output scales proportionally, which is ideal for integration with microcontrollers and ADCs (Analog-to-Digital Converters).
#### 4. Protection Circuitry
To ensure longevity in harsh environments, the internal electronics are protected against:
* **Reverse Polarity:** Prevents damage if the power leads are connected backwards.
* **Overvoltage:** Guards against spikes in the power supply.
* **EMI/RFI Filtering:** Reduces noise interference from nearby motors or radio equipment.
---
### Common Applications
* **Aerospace:** Hydraulic monitoring in tight airframe compartments.
* **Automotive:** Brake and transmission fluid pressure testing.
* **Industrial:** Robotic arm pressure sensing and compact manifold blocks.
---
- ⤷
What are the specific pinout assignments for the ALPT-123-R wiring harness?
- ⤷ How does the ratiometric output differ from a standard 4-20mA industrial signal?
- ⤷ What is the burst pressure rating for this specific transducer model?