công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ALCT-513-R

  • AI
    The **ALCT-513-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are critical for power management circuits, helping to filter noise and store energy in electromagnetic fields. --- ### 1. Technical Specifications The part number "ALCT-513-R" usually follows a standard manufacturer nomenclature (often associated with brands like Eaton/Coiltronics or similar power component specialists). | Feature | Description | | :--- | :--- | | **Component Type** | Fixed Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance** | 51 mH (derived from '513' code: 51 followed by 3 zeros in microhenries) | | **Tolerance** | Usually ±20% | | **Core Material** | Ferrite or Powdered Iron | | **Shielding** | Often shielded to minimize Electromagnetic Interference (EMI) | --- ### 2. Key Electronic Functions Inductors like the ALCT-513-R perform three primary roles within a circuit: 1. **Energy Storage:** They store energy in a magnetic field when current flows through them, which is essential for DC-DC converters (Buck/Boost). 2. **Filtering:** They act as a low-pass filter, allowing DC current to pass while blocking high-frequency noise or AC ripples. 3. **Impedance Matching:** Used to match the impedance of different stages in an electronic system to ensure maximum power transfer. --- ### 3. Physical Construction * **The "R" Suffix:** In electronic components, the "R" often signifies **RoHS Compliance** (Restriction of Hazardous Substances), meaning the part is lead-free. * **Winding:** It consists of a copper wire wound around a magnetic core. * **Termination:** Features metallic pads on the bottom for soldering directly onto a Printed Circuit Board (PCB). --- ### 4. Typical Applications The ALCT-513-R is commonly found in: * **Power Supplies:** Switched-mode power supplies (SMPS). * **Consumer Electronics:** Laptops, tablets, and LED drivers. * **Industrial Equipment:** Control units and voltage regulation modules. * **Telecommunications:** Base stations and networking hardware.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the ALCT-513-R?
    • ⤷ How does the '513' code translate into microhenries versus millihenries?
    • ⤷ What are the recommended PCB footprint dimensions for soldering this part?