AL05Y-R10-KB
AI

## Analysis of the AL05Y-R10-KB Electronic Component
The **AL05Y-R10-KB** is a specific type of **Fixed Inductor** (Leaded Inductor). It belongs to a family of "Color Code" or "Molded" inductors that are shaped similarly to resistors but perform inductive functions in a circuit.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify its specific electrical characteristics:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **AL** | Series Prefix | Generally refers to Axial Leaded Inductors. |
| **05** | Case Size | Indicates physical dimensions (Approx. 4mm diameter x 9mm length). |
| **Y** | Material/Core Type | Often signifies a ferrite core for high-frequency performance. |
| **R10** | Inductance Value | **0.10 µH** (R acts as a decimal point). |
| **K** | Tolerance | **±10%** |
| **B** | Packaging/Forming | Usually denotes **Bulk** packaging. |
---
### 2. Technical Specifications
These components are designed for general-purpose applications where space is limited but filtering is required.
* **Inductance:** 0.10 µH (Microhenries)
* **Tolerance:** ±10%
* **Case Style:** Axial (Through-hole mounting)
* **Construction:** Wire-wound on a ferrite core, encapsulated in a flame-retardant epoxy resin.
* **Identification:** Marked with 4 color bands (Brown, Black, Silver, Silver/Gold) representing the value and tolerance in accordance with standard EIA color coding.
---
### 3. Electrical Characteristics
Below is a typical profile for a 0.10 µH inductor in this series:
| Parameter | Value (Typical) |
| :--- | :--- |
| **Q-Factor (Min)** | 35 - 50 |
| **Test Frequency** | 25.2 MHz |
| **Self-Resonant Frequency (SRF)** | > 400 MHz |
| **DC Resistance (DCR Max)** | 0.08 - 0.15 Ω |
| **Rated DC Current (Idc)** | ~900 mA to 1000 mA |
---
### 4. Common Applications
Due to its low inductance and relatively high self-resonant frequency, the AL05Y-R10-KB is typically used for:
1. **RF Filtering:** Blocking high-frequency noise in radio circuits.
2. **Decoupling:** Isolating power supply noise from sensitive ICs.
3. **Signal Conditioning:** Small-scale impedance matching in communication devices.
4. **Oscillators:** Serving as a reactive element in high-frequency LC circuits.
---
### 5. Identification (Color Code)
If you are looking at the physical part, the color bands for **0.10 µH ±10%** will be:
* **1st Band:** Brown (1)
* **2nd Band:** Black (0)
* **3rd Band:** Silver (Multiplier: $10^{-2}$ or 0.01)
* **4th Band:** Silver (Tolerance: 10%)
---
- ⤷
What are the equivalent replacements for the AL05Y-R10-KB if it is out of stock?
- ⤷ How does the 'Y' core material affect the inductor's performance compared to an 'A' core?
- ⤷ Can this inductor be used in high-power switching power supplies?