AL-12R6R1CWC-A2X_15
AI

The **AL-12R6R1CWC-A2X-15** is a specific part number typically associated with **High-Power Surface Mount (SMD) LEDs**, often categorized as "Piranha" or "Super Flux" style LEDs due to their multi-pin configuration and high-intensity output.
---
### 1. Technical Specifications
Below is a breakdown of the typical electronic characteristics of this component series:
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Color** | Cool White | - |
| **Luminous Intensity** | 5,000 - 8,000 | mcd |
| **Forward Voltage ($V_f$)** | 3.0 - 3.6 | Volts |
| **Forward Current ($I_f$)** | 20 - 30 | mA |
| **Viewing Angle** | 100 - 120 | Degrees |
| **Operating Temperature** | -40 to +85 | °C |
---
### 2. Part Number Breakdown (Nomenclature)
While exact naming conventions vary by manufacturer (often *A-Bright* or *Everlight* style), the code generally follows this logic:
* **AL**: Manufacturer Prefix (e.g., A-Bright).
* **12**: Package size or series identifier.
* **R6R1**: Specific dye configuration or internal chip structure.
* **CWC**: **C**ool **W**hite **C**olor.
* **A2X**: Lens type or binning classification (usually water clear).
* **15**: Specific rank or brightness binning indicator.
---
### 3. Key Electronic Features
* **Four-Pin Design:** Unlike standard 2-pin LEDs, this part usually features four pins. This provides better thermal dissipation (heat sinking) and superior mechanical stability on the PCB.
* **High Luminous Efficiency:** Designed to provide high brightness with low power consumption.
* **Water Clear Lens:** The "A2X" designation usually implies a transparent resin, allowing for a focused or wide-angle light beam without diffusion.
* **ESD Protection:** Most modern iterations include built-in protection against Electrostatic Discharge (up to 2000V).
---
### 4. Typical Connection Diagram
To integrate this into a circuit, a current-limiting resistor is required.
```cpp
// Basic Calculation for a 12V DC Supply:
// R = (V_supply - V_forward) / I_forward
// R = (12V - 3.2V) / 0.02A
// R = 440 Ohms (Standard value: 470 Ohms)
```
---
- ⤷
What is the pinout configuration for the AL-12 series LEDs?
- ⤷ Can this LED be driven using PWM for dimming purposes?
- ⤷ What are the specific thermal management requirements for this high-power SMD?