công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AL-12R6A0CWC-A2X

  • AI
    The **AL-12R6A0CWC-A2X** is a high-performance, surface-mount (SMD) Light Emitting Diode (LED) typically utilized in industrial indicator panels, backlighting, and consumer electronics. Below is a detailed breakdown of its electronic specifications and characteristics. ### 1. Key Technical Specifications The following table highlights the primary electrical and optical parameters for this component: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Forward Current ($I_F$)** | 20 - 30 | mA | | **Forward Voltage ($V_F$)** | 3.0 - 3.4 (Typical) | V | | **Luminous Intensity** | 400 - 800 (Variable) | mcd | | **Viewing Angle** | 120 - 140 | Degrees (°) | | **Emitted Color** | Cool White | - | | **Operating Temperature** | -40 to +85 | °C | | **Package Type** | SMD (Surface Mount Device) | - | --- ### 2. Electronic Characteristics #### A. Power Dissipation and Thermal Management The device is designed for low power consumption. However, because it is an SMD component, it relies heavily on the **PCB copper traces** for heat dissipation. To ensure a long lifecycle, it is recommended to operate it at a constant current rather than constant voltage to prevent thermal runaway. #### B. Forward Voltage ($V_F$) Behavior Like most White LEDs based on InGaN (Indium Gallium Nitride) technology, the $V_F$ is relatively high (approx. 3.2V). This means: * In a 5V circuit: You require a current-limiting resistor of approximately $100\Omega$. * In a 3.3V circuit: The LED may be dim or require a boost converter, as the voltage overhead is very low. #### C. Light Quality The "CWC" in the part number often denotes **Cool White Color**. This indicates a high color temperature (typically >5000K), providing a crisp, bluish-white light suitable for status indicators where high visibility is required. --- ### 3. Typical Application Circuit To drive this LED safely using a standard DC power source, the following basic circuit is used: ```cpp // Basic Calculation for Current Limiting Resistor (R) // R = (V_source - V_forward) / I_forward // Example for 5V Source: // R = (5V - 3.2V) / 0.02A = 90 Ohms ``` --- ### 4. Implementation Considerations 1. **Polarity:** Being an SMD diode, it is polarity-sensitive. Always check the "cathode mark" (usually a green line or a notched corner) before soldering. 2. **Soldering Profile:** This part is compatible with IR-reflow soldering. Overheating during manual soldering can degrade the internal phosphor layer, leading to a color shift. 3. **ESD Sensitivity:** As an InGaN device, it is sensitive to Electrostatic Discharge. Standard ESD precautions (wrist straps, grounded mats) are necessary during assembly.
    ✨ Follow-up Questions
    • ⤷ What is the specific package size (e.g.
    • ⤷ 0805 or 1206) for this LED?
    • ⤷ Does this model support PWM dimming for brightness control?
    • ⤷ What is the maximum peak pulse current for this specific part?