AK375-R
AI

The **AK375-R** is a specific variant of a professional-grade UHF Wireless Microphone Receiver, commonly part of systems used for live performance, broadcasting, and public speaking. Below is a breakdown of its electronic components, architecture, and technical specifications.
---
## 1. Core Technical Specifications
The electronics of the AK375-R are designed for high-fidelity audio transmission over radio frequencies (RF).
| Feature | Specification Details |
| :--- | :--- |
| **Frequency Range** | UHF 600MHz - 900MHz (Region dependent) |
| **Modulation Mode** | Wideband FM / Digital Pi/4 DQPSK (Advanced versions) |
| **Oscillation Mode** | PLL Phase-Locked Loop Frequency Synthesis |
| **Sensitivity** | -105dBm for 12dB S/N |
| **THD (Total Harmonic Distortion)** | < 0.5% @ 1kHz |
| **Signal-to-Noise Ratio** | > 105dB |
---
## 2. Key Electronic Components & Modules
### A. The RF Front-End (Antenna Section)
The AK375-R typically employs a **True Diversity** architecture.
* **Dual Tuners:** It contains two independent receiver circuits. The electronics constantly compare the signal strength between Antenna A and B, switching instantly to the stronger signal to prevent "dropouts."
* **BNC Connectors:** Standard 50-ohm interfaces for attaching whip antennas or remote paddles.
### B. The Processing Unit (Microcontroller)
* **PLL Synthesizer:** This is the heart of the frequency management. It ensures the receiver stays locked onto the exact frequency of the transmitter without drifting.
* **Digital Companding:** Many modern R-series units use a digital compander to compress the audio at the transmitter and expand it at the receiver, which minimizes line hiss and noise.
### C. Interface & Display Electronics
* **LCD/LED Module:** Displays the group/channel number, RF signal strength (RF meter), and AF (Audio Frequency) levels.
* **IR Sync Port:** An Infrared diode used to wirelessly "pair" the receiver's frequency settings to the handheld or bodypack transmitter.
---
## 3. Connectivity & Output Circuitry
The back panel electronics manage how the signal is sent to the mixer or amplifier:
1. **Balanced Output (XLR):** A professional-grade low-impedance output that uses a transformer or op-amp circuit to prevent noise over long cable runs.
2. **Unbalanced Output (1/4" Jack):** A standard line-level output for shorter distances.
3. **Squelch Control:** A potentiometer or digital setting that adjusts the "gate" to mute the audio if the RF interference becomes too high.
---
## 4. Power Management
* **DC Input:** Typically operates on **12V-18V DC**.
* **Internal Regulation:** The internal board contains voltage regulators (often 7805 or similar SMD equivalents) to provide stable 5V or 3.3V power to the sensitive RF chips and microprocessors.
---
- ⤷
Does the AK375-R support frequency scanning to find open channels?
- ⤷ What is the difference between the AK375-R and the AK375-T transmitter?
- ⤷ How do I troubleshoot interference issues with this specific receiver?