AK243-R
AI

The **AK243-R** is primarily identified as a high-quality **USB 2.0 to RS-232 (Serial) Adapter cable**, commonly manufactured by brands like *Assmann Electronic* (DIGITUS). It is used to provide a bridge between a computer's USB port and legacy serial peripheral devices.
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Interface A** | USB A Male (USB 2.0 / 1.1 Compatible) |
| **Interface B** | DSUB 9-pin Male (RS-232) |
| **Data Transfer Rate** | Up to 1 Mbps |
| **Chipset** | Typically FTDI or Prolific (PL2303) |
| **Cable Length** | Usually 1.5m to 1.8m |
| **Power Source** | Bus-powered (No external power needed) |
---
### 2. Internal Electronic Components
The "Electronic Parts" within the AK243-R are housed inside the connector shells (usually the DSUB side). These components perform the logic translation between different voltage standards:
* **Bridge Controller (IC):** This is the "brain" of the cable. It converts the differential signals of the USB protocol into the asynchronous serial data (UART) protocol.
* **Transceiver IC:** Since USB operates at roughly 3.3V-5V and RS-232 requires higher bipolar voltages (typically ±5V to ±15V), a transceiver chip (like the MAX232 or similar) is used to shift the voltage levels to meet the RS-232 standard.
* **Oscillator/Crystal:** Provides the clock signal necessary for synchronized data transmission.
* **Passive Components:** Surface-mount resistors and capacitors for decoupling, noise filtering, and impedance matching.
---
### 3. Pinout Configuration (DSUB 9)
The RS-232 side follows the standard DB9 pin mapping:
| Pin Number | Signal Name | Description |
| :--- | :--- | :--- |
| 1 | DCD | Data Carrier Detect |
| 2 | RXD | Receive Data |
| 3 | TXD | Transmit Data |
| 4 | DTR | Data Terminal Ready |
| 5 | GND | Ground |
| 6 | DSR | Data Set Ready |
| 7 | RTS | Request to Send |
| 8 | CTS | Clear to Send |
| 9 | RI | Ring Indicator |
---
### 4. Common Applications
* **Industrial Automation:** Connecting PLCs or CNC machines to modern laptops.
* **Networking:** Accessing the console port of switches, routers, and firewalls.
* **Scientific Gear:** Interfacing with older scales, sensors, or lab equipment.
* **Legacy Hardware:** Programming microcontrollers or connecting to modems and PDAs.
- ⤷
Which specific driver is required for the AK243-R on Windows 11?
- ⤷ What is the difference between the AK243-R and a standard null modem cable?
- ⤷ Can this adapter be used to power small serial devices?