AISC-Q0603HQ-R27
AI

The **AISC-Q0603HQ-R27** is a high-performance surface-mount (SMD) inductor specifically designed for high-frequency and automotive applications. It belongs to the **AISC-Q0603HQ** series manufactured by Abracon.
---
### 1. Key Technical Specifications
The part number "R27" indicates its inductance value and technical characteristics based on the 0603 (1608 metric) package size.
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 270 nH |
| **Tolerance** | ±5% (Standard) |
| **Case Size** | 0603 (1.6mm x 0.8mm) |
| **Quality Factor (Q) Min** | 28 (at 100 MHz) |
| **Self-Resonant Frequency (SRF)** | 850 MHz (Typical) |
| **DC Resistance (DCR) Max** | 1.60 Ω |
| **Rated Current (Max)** | 210 mA |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Physical Construction
* **Core Material:** Ceramic. Ceramic cores offer excellent stability and a high Self-Resonant Frequency (SRF), though they provide lower inductance values compared to ferrite cores.
* **Winding:** Wire-wound construction. This provides lower DC resistance and higher current handling capabilities compared to multilayer chip inductors of the same size.
* **Termination:** Lead-free, RoHS compliant, usually featuring gold or tin over nickel plating for superior solderability.
---
### 3. Application Use Cases
This specific component is optimized for RF (Radio Frequency) circuits where signal integrity and high "Q" factors are critical.
* **Automotive Electronics:** AEC-Q200 qualified, making it suitable for TPMS (Tire Pressure Monitoring), Infotainment, and ADAS.
* **Wireless Communication:** Used in Wi-Fi modules, Bluetooth devices, and cellular base stations.
* **Impedance Matching:** Often placed in the matching networks of antennas to ensure maximum power transfer.
* **High-Frequency Filtering:** Used to block high-frequency noise while allowing DC signals to pass.
---
### 4. Part Number Breakdown
The nomenclature follows a specific logic:
```text
AISC - Q - 0603 - HQ - R27 - (T)
| | | | | |
| | | | | +-- Packaging (Tape & Reel)
| | | | +-------- Inductance (R27 = 0.27µH or 270nH)
| | | +------------- High Q (High Quality Factor)
| | +-------------------- Case Size (0603 Inches)
| +------------------------- Automotive Grade (AEC-Q200)
+------------------------------- Abracon Inductor Series
```
- ⤷
What is the significance of the AEC-Q200 qualification for this inductor?
- ⤷ How does the wire-wound ceramic core compare to a multilayer inductor in RF circuits?
- ⤷ What are the recommended soldering profiles for the 0603 package size?