AISC-Q0603HQ-R10
AI

## Electronic Specifications: AISC-Q0603HQ-R10
The **AISC-Q0603HQ-R10** is a high-frequency, wire-wound surface mount (SMD) inductor manufactured by Abracon. It is specifically designed for high-reliability applications, meeting the **AEC-Q200** automotive quality standard.
---
### 1. Key Technical Specifications
The part number "R10" indicates the nominal inductance value. Below are the primary electrical characteristics:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 100 nH |
| **Tolerance** | ±5% (J) |
| **Case Size (EIA/Metric)** | 0603 / 1608 |
| **DC Resistance (DCR) Max** | 0.46 Ω |
| **Rated Current (Max)** | 400 mA |
| **Self-Resonant Frequency (SRF) Min** | 1200 MHz |
| **Quality Factor (Q) Min** | 50 (at 150 MHz) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the component's physical and electrical properties:
* **AISC**: Abracon Inductor Series (Wire-wound).
* **Q**: Automotive Grade (AEC-Q200 Qualified).
* **0603**: Physical footprint (0.06 x 0.03 inches).
* **HQ**: High Q (High-quality factor, meaning low energy loss at high frequencies).
* **R10**: Inductance value (R = decimal point; 0.10 $\mu$H or 100 nH).
---
### 3. Application Areas
Due to its high Q-factor and automotive rating, this part is typically used in circuits where signal integrity and reliability are critical:
* **RF Tuning & Matching:** Used in wireless communication modules (Bluetooth, Wi-Fi, GPS).
* **Automotive Systems:** TPMS (Tire Pressure Monitoring), Infotainment, and ADAS sensors.
* **High-Frequency Filtering:** Eliminating noise in high-speed data lines.
* **Mobile Communication:** Base stations and handheld devices.
---
### 4. Physical Dimensions
The **0603** package is a standard industry size, making it compatible with high-speed automated pick-and-place machinery.
| Dimension | Millimeters (mm) |
| :--- | :--- |
| Length (L) | 1.60 ± 0.20 |
| Width (W) | 1.00 ± 0.20 |
| Thickness (T) | 1.00 ± 0.20 |
---
- ⤷
What are the alternatives to the AISC-Q0603HQ if I need a higher current rating?
- ⤷ How does the 'High Q' factor impact the performance of this inductor in RF circuits?
- ⤷ What are the soldering profile requirements for AEC-Q200 qualified inductors?