công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AISC-402-R10G-T

  • AI
    The **AISC-402-R10G-T** is an industrial-grade, small form factor (SFF) networking appliance or motherboard, typically manufactured by IEI Integration Corp. It is designed for high-speed connectivity and edge computing applications. --- ### ## 1. Key Component Specifications The "R10G" designation indicates high-speed 10-Gigabit Ethernet capabilities, making it suitable for bandwidth-intensive tasks. | Component Category | Specification Details | | :--- | :--- | | **Processor (CPU)** | Usually integrated Intel® Atom® or Celeron® SoC (System on Chip) | | **Memory Support** | DDR4 SO-DIMM slots (typically up to 16GB or 32GB) | | **Ethernet Controller** | Intel® X550-AT2 or similar for 10GbE support | | **Storage** | mSATA, M.2 (SATA/PCIe), and standard SATA 6Gb/s ports | | **USB Connectivity** | Multiple USB 3.2 Gen 1 (5Gbps) and USB 2.0 ports | | **Form Factor** | Compact Industrial board (3.5" or similar proprietary SFF) | --- ### ## 2. Detailed Technical Features ### ### Networking & Connectivity The standout feature of this specific model is the **10GbE (10-Gigabit Ethernet)** integration. * **Dual 10GbE SFP+ or RJ45:** Depending on the specific sub-revision, it provides high-throughput fiber or copper uplinks. * **Standard LAN:** Usually includes additional 1GbE ports for management or local device connection. ### ### Power Design Designed for industrial environments, the board often features: * **Wide DC Input:** Typically supports 9V ~ 36V DC input. * **Thermal Management:** Passive cooling (heatsinks) for low-power SoC variants or active fan headers for high-performance builds. ### ### Expansion Slots Despite its small size, it usually offers: * **M.2 M-Key:** For NVMe SSD storage. * **M.2 A/E-Key:** For Wi-Fi/Bluetooth or AI acceleration modules (like Intel Movidius). --- ### ## 3. Typical Applications Due to its combination of high-speed networking and industrial reliability, it is used in: 1. **SD-WAN & vCPE:** Virtualized customer premises equipment. 2. **Industrial IoT Gateways:** Aggregating data from hundreds of sensors. 3. **Edge AI:** Processing visual data locally before sending it to the cloud via 10GbE. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements and voltage ranges for the AISC-402?
    • ⤷ Does this model support hardware-based encryption like AES-NI?
    • ⤷ Which specific Intel SoC is most commonly paired with the R10G-T variant?