công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AISC-1008-R62

  • AI
    Based on the technical nomenclature, the **AISC-1008-R62** typically refers to a high-current, surface-mount power inductor, often utilized in automotive and industrial power management systems. --- ### 1. Technical Specifications The "1008" in the part number usually refers to the physical footprint (dimensions) of the component, while the "R62" signifies the inductance value. | Parameter | Typical Value / Description | | :--- | :--- | | **Inductance** | 0.62 µH (R62 = 0.62) | | **Package Size** | 1008 (Approx. 2.5mm x 2.0mm) | | **Component Type** | Fixed Inductor / Power Choke | | **Core Material** | Ferrite or Metal Composite | | **Mounting Type** | Surface Mount Device (SMD/SMT) | --- ### 2. Electronic Characteristics These components are engineered for efficiency in high-frequency switching environments. * **Tolerance:** Usually ±20% (M) or ±10% (K). * **DC Resistance (DCR):** Extremely low (measured in milliohms) to minimize power loss and heat generation. * **Saturation Current ($I_{sat}$):** The point at which inductance drops by a specific percentage (e.g., 30%). For an R62 inductor of this size, it typically handles several Amperes. * **Self-Resonant Frequency (SRF):** The frequency at which the part ceases to behave as an inductor; vital for EMI filtering applications. --- ### 3. Common Applications Due to its small footprint and high current capability, the AISC-1008-R62 is found in: 1. **DC-DC Converters:** Used in Buck or Boost regulators to store energy. 2. **EMI Suppression:** Filtering high-frequency noise in communication lines. 3. **Automotive Electronics:** Powering infotainment systems or ADAS sensors where AEC-Q200 reliability is required. 4. **Mobile Devices:** Voltage Regulation Modules (VRM) for compact CPUs or GPUs. --- ### 4. Part Number Breakdown Example If we analyze the code structure: `AISC` - `1008` - `R62` - `(T)` * **AISC:** Series identifier (often Wire-wound or Multi-layer). * **1008:** Case size code. * **R62:** Inductance value (R represents the decimal point). * **T:** (Optional) Packaging suffix, usually indicating Tape & Reel.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for AISC series inductors?
    • ⤷ How does the R62 inductance value affect ripple current in a buck converter?
    • ⤷ What are the alternatives to the 1008 package size for higher current requirements?