công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AISC-0805-R75

  • AI
    The **AISC-0805-R75** is a surface-mount electronic component, specifically a **Wire-Wound Ceramic Chip Inductor**. It is widely used in high-frequency applications due to its high Quality Factor (Q) and stable performance. ### 1. Part Number Breakdown To understand the component, we can deconstruct the part number: | Segment | Meaning | Description | | :--- | :--- | :--- | | **AISC** | Series | Abracon Inductor Series (Wire-Wound) | | **0805** | Case Size | 0.08 x 0.05 inches (2.0 x 1.25 mm) | | **R75** | Inductance | **0.75 µH** (750 nH) | --- ### 2. Technical Specifications The typical electrical characteristics for the R75 (750 nH) variant within the 0805 series are as follows: | Parameter | Value | | :--- | :--- | | **Inductance** | 750 nH (0.75 µH) | | **Tolerance** | Usually ±5% (J) or ±10% (K) | | **Minimum Q Factor** | ~45 (at 100 MHz) | | **Self-Resonant Frequency (SRF)** | ~400 MHz | | **DC Resistance (DCR)** | ~1.40 Ω (Max) | | **Rated Current (I-dc)** | ~230 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Key Features * **Wire-Wound Construction:** Unlike multilayer inductors, wire-wound versions offer much higher Q factors and lower DC resistance, making them more efficient for RF signals. * **Ceramic Core:** Provides excellent thermal stability and high SRF (Self-Resonant Frequency). * **Standard Footprint:** The 0805 package is easy to handle for both automated assembly and manual prototyping. --- ### 4. Common Applications Due to its high frequency and high-Q characteristics, the AISC-0805-R75 is found in: * **RF Circuitry:** Matching networks and filters. * **Wireless Communication:** Bluetooth, Wi-Fi, and cellular modules. * **Impedance Matching:** Used to match the impedance between an antenna and a transceiver. * **Filtering:** Decoupling and signal conditioning in high-speed data lines. --- ### 5. Schematic Symbol (Reference) In a PCB design environment (like Altium, KiCad, or Eagle), the part is represented by a standard inductor symbol: ```text L1 (750nH) ----(UUUUU)---- ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between ceramic-core and ferrite-core inductors?
    • ⤷ How does the Q factor affect the performance of an RF circuit?
    • ⤷ Can this inductor be used for power supply decoupling in high-current applications?