công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AISC-0603F-R50

  • AI
    The **AISC-0603F-R50** is a specific electronic component belonging to the **Surface Mount Technology (SMT)** inductor family. It is manufactured by Abracon and is designed for high-frequency applications where high precision and stability are required. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's physical and electrical characteristics: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **AISC** | Series | Ceramic Wire-Wound Chip Inductor | | **0603** | Package Size | 0.6 x 0.3 inches (approx. 1.6 x 0.8 mm) | | **F** | Tolerance | ±1% (High Precision) | | **R50** | Inductance Value | 0.50 µH (or 500 nH) | --- ### 2. Technical Specifications The "F" in the part number signifies a very tight tolerance, making it suitable for RF (Radio Frequency) circuits. | Parameter | Value | | :--- | :--- | | **Inductance** | 500 nH (0.50 µH) | | **Tolerance** | ±1% | | **Quality Factor (Q)** | Minimum 30 at 100 MHz | | **Self-Resonant Frequency (SRF)** | ~600 MHz | | **DC Resistance (DCR)** | ~1.60 Ω (Maximum) | | **Rated Current** | ~170 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Key Construction Features * **Wire-Wound Structure:** Unlike multilayer inductors, these use a wire wound around a ceramic core. This results in a higher Q-factor and better current-handling capabilities. * **Ceramic Core:** Provides excellent thermal stability and high-frequency performance. * **Encapsulation:** Usually coated with a clear epoxy or resin to protect the fine wire while allowing for automated pick-and-place assembly. --- ### 4. Common Applications Due to its high precision (1%) and high Q-factor, the AISC-0603F-R50 is typically used in: 1. **RF Matching Circuits:** Tuning antennas and power amplifiers. 2. **Wireless Communication:** Bluetooth, Wi-Fi, and cellular infrastructure. 3. **High-Speed Signal Filtering:** Reducing noise in sensitive communication lines. 4. **Oscillators:** Providing stable frequency references. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between ceramic wire-wound and multilayer inductors?
    • ⤷ How does the Q-factor impact the performance of RF circuits?
    • ⤷ What is the equivalent metric package size for the 0603 imperial footprint?