công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AISC-0603-R015

  • AI
    The **AISC-0603-R015** is a surface-mount electronic component, specifically a **Wire-Wound Ceramic Chip Inductor**. It is part of the AISC-0603 series manufactured by Abracon. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical properties: | Parameter | Value / Description | | :--- | :--- | | **Case Size** | 0603 (1.6mm x 0.8mm) | | **Inductance** | 15 nH (Nanohenries) | | **Tolerance** | Standard ranges (usually ±5% or ±10%) | | **Core Material** | Ceramic | | **Construction** | Wire-Wound | ### 2. Electrical Characteristics Below are the typical performance ratings for this specific 15nH inductor: * **Quality Factor (Q):** High Q (typically 30+ at 250MHz), making it ideal for high-frequency filtering. * **Self-Resonant Frequency (SRF):** Very high (typically > 4000 MHz), allowing it to operate in the GHz range. * **DC Resistance (DCR):** Very low (usually around 0.13 Ω to 0.17 Ω), which minimizes power loss and heat. * **Rated Current:** Typically around 600mA to 700mA. --- ### 3. Construction Features The **Wire-Wound** nature of this part provides distinct advantages over multilayer inductors: 1. **Higher Current Handling:** The physical wire can carry more current than printed traces. 2. **Higher Q-Factor:** Ceramic cores provide excellent stability and low loss at radio frequencies. 3. **Tight Tolerances:** Wire-winding allows for more precise inductance values during manufacturing. ### 4. Common Applications Due to its high frequency and low resistance characteristics, the AISC-0603-R015 is commonly used in: * **RF Transceivers:** Used in matching networks for antennas. * **Wireless Communication:** Essential in Bluetooth, Wi-Fi, and cellular modules. * **Filtering:** Used in high-pass or low-pass filters to eliminate signal noise. * **VCOs:** Voltage Controlled Oscillators in frequency synthesis. --- ### Part Number Breakdown ```text AISC - 0603 - R015 - [Tolerance] - [Packaging] | | | Series Size Value (R015 = 15nH) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How do I calculate the resonant frequency for this component in a circuit?
    • ⤷ What are the typical soldering profiles for 0603 wire-wound components?