công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AIAS-03-R82

  • AI
    The **AIAS-03-R82** is a surface-mount power inductor manufactured by **Abracon**. This component is primarily used in power management circuits to store energy in a magnetic field and filter high-frequency noise. ### Technical Specifications | Parameter | Value / Range | | :--- | :--- | | **Inductance** | 0.82 µH | | **Tolerance** | ±20% (Standard for this series) | | **Inductance Code** | R82 | | **Case Size** | AIAS-03 (Miniature Surface Mount) | | **Operating Temperature** | -40°C to +85°C | | **Termination Style** | SMD/SMT | --- ### Core Electronic Characteristics #### 1. Inductance (0.82 µH) The primary role of this part is to provide an inductance of 0.82 microhenries. In a circuit, this creates impedance against changes in current, making it ideal for smoothing out the output of switching power supplies. #### 2. DCR (DC Resistance) The "AIAS" series is designed with a low DC resistance. This minimizes power loss (heat dissipation) within the inductor, which is critical for maintaining high efficiency in battery-powered devices. #### 3. Saturation Current (Isat) This component is rated for a specific saturation current—the point where the inductance drops significantly. Exceeding this limit causes the magnetic core to "saturate," leading to circuit instability or overheating. --- ### Applications and Usage The AIAS-03-R82 is commonly found in the following electronic environments: * **DC-DC Converters:** Used in Buck or Boost regulators to provide stable output voltage. * **EMI Filtering:** Suppressing electromagnetic interference in high-speed data lines or power rails. * **Portable Electronics:** Due to its small SMD footprint, it is used in smartphones, tablets, and wearable sensors. * **Power Management Integrated Circuits (PMICs):** Acting as the external energy storage element for integrated voltage regulators. --- ### Comparison with Similar Components If you are looking for alternatives, you would typically compare the **Quality Factor (Q)** and the **Self-Resonant Frequency (SRF)**. For the AIAS-03 series, the SRF is high enough to allow operation in the MHz range, common in modern high-speed switching converters.
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the AIAS-03-R82?
    • ⤷ How does the footprint size of AIAS-03 compare to AIAS-04?
    • ⤷ Can this inductor be used in automotive applications?